Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 77Page - National Semiconductor (TI) PC87307 Datasheet HTML 78Page - National Semiconductor (TI) PC87307 Datasheet HTML 79Page - National Semiconductor (TI) PC87307 Datasheet HTML 80Page - National Semiconductor (TI) PC87307 Datasheet HTML 81Page - National Semiconductor (TI) PC87307 Datasheet HTML 82Page - National Semiconductor (TI) PC87307 Datasheet HTML 83Page - National Semiconductor (TI) PC87307 Datasheet HTML 84Page - National Semiconductor (TI) PC87307 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 218 page
background image
81
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
The controller also uses the drive polling phase to automat-
ically trigger power down. When the specified time that the
motor may be off expires, the controller waits 512 msec,
based on data transfer rates of 500 Kbps and 1 Mbps, be-
fore powering down, if this function is enabled via the
MODE command.
If a new command is issued while the FDC is in the drive
polling phase, the MSR does not indicate a ready status for
the next parameter byte until the polling sequence com-
pletes the loop. This can cause a delay between the first
and second bytes of up to 500
µsec at 250 Kbps.
5.5
THE RESULT PHASE STATUS REGISTERS
In the result phase of a command, result bytes that hold sta-
tus information are read from the Data Register (FIFO) at
offset 05h. These bytes are the result phase status regis-
ters.
The result phase status registers may only be read from the
Data Register (FIFO) during the result phase of certain
commands, unlike the Main Status Register (MSR), which
is a read only register that is always valid.
5.5.1
Result Phase Status Register 0 (ST0)
FIGURE 5-16. ST0 Result Phase Register Bitmap
Bits 1,0 - Logical Drive Selected
These two binary encoded bits indicate the logical drive
selected at the end of the execution phase.
The value of these bits is reflected in bits 1,0 of the SR3
register, described on page 83.
00 - Drive 0 selected.
01 - Drive 1 selected.
10 - If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is selected.
Bit 2 - Head Selected
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected. It reflects the status of the HDSEL
signal at the end of the execution phase.
The value of this bit is reflected in bit 2 of the ST3 regis-
ter, described on page 83.
0 - Side 0 is selected.
1 - Side 1 is selected.
Bit 3 - Not used.
This bit is not used and is always 0.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 0 (ST0)
Head Selected (Execution Phase)
SEEK End
Interrupt Code
Not Used
Equipment Check
Logical Drive Selected
(Execution Phase)
Bit 4 - Equipment Check
After a RECALIBRATE command, this bit indicates
whether the head of the selected drive was at track 0,
i.e., whether or not TRK0 was active. This information is
used during the SENSE INTERRUPT command.
0 - Head was at track 0, i.e., a TRK0 pulse occurred af-
ter a RECALIBRATE command.
1 - Head was not at track 0, i.e., no TRK0 pulse oc-
curred after a RECALIBRATE command.
Bit 5 - SEEK End
This bit indicates whether or not a SEEK, RELATIVE
SEEK, or RECALIBRATE command was completed by
the controller. Used during a SENSE INTERRUPT com-
mand.
0 - SEEK, RELATIVE SEEK, or RECALIBRATE com-
mand not completed by the controller.
1 - SEEK, RELATIVE SEEK, or RECALIBRATE com-
mand was completed by the controller.
Bits 7,6 - Interrupt Code (IC)
These bits indicate the reason for an interrupt.
00 - Normal termination of command.
01 - Abnormal termination of command. Execution of
command was started, but was not successfully
completed.
10 - Invalid command issued. Command issued was
not recognized as a valid command.
11 - Internal drive ready status changed state during
the drive polling mode. This only occurs after a
hardware or software reset.
5.5.2
Result Phase Status Register 1 (ST1)
FIGURE 5-17. ST1 Result Phase Register Bitmap
Bit 0 - Missing Address Mark
This bit indicates whether or not the Floppy Disk Con-
troller (FDC) failed to find an address mark in a data field
during a read, scan, or verify command.
0 - No missing address mark.
1 - Address mark missing.
Bit 0 of the result phase Status register 2 (ST2) in-
dicates the when and where the failure occurred.
See Section 5.5.3 on page 82.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 1 (ST1)
Missing Data
CRC Error
End of Track
Not Used
Overrun or Underrun
Missing Address Mark
Not Used
Drive Write Protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com