Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 49Page - National Semiconductor (TI) PC87307 Datasheet HTML 50Page - National Semiconductor (TI) PC87307 Datasheet HTML 51Page - National Semiconductor (TI) PC87307 Datasheet HTML 52Page - National Semiconductor (TI) PC87307 Datasheet HTML 53Page - National Semiconductor (TI) PC87307 Datasheet HTML 54Page - National Semiconductor (TI) PC87307 Datasheet HTML 55Page - National Semiconductor (TI) PC87307 Datasheet HTML 56Page - National Semiconductor (TI) PC87307 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 218 page
background image
53
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
A-B
Update In Progress (UIP) bit high before update occurs = 244
µsec
D-C
Periodic interrupt to update = Period (periodic int) / 2 + 244
µsec
C-E
Update to Alarm Interrupt = 30.5
µs
UIP
Update In Progress status bit
UF
Update-Ended Interrupt Flag (Update-Ended Interrupt if enabled)
PF
Periodic Flag (Periodic Interrupt if enabled)
AF
Alarm Flag (Alarm Interrupt if enabled)
Flags (and IRQ) are reset at the conclusion of Control Register C (CRC) read or by reset.
UIP bit of CRA
UF bit of CRC
PF bit of CRC
AF bit of CRC
A
B
C
D
E
FIGURE 4-5. Interrupt/Status Timing
TABLE 4-2. Periodic Interrupt Rate Encoding
RS3-0
3 2 1 0
Periodic Interrupt Rate
0 0 0 0
none
0 0 0 1
3.90625
msec
0 0 1 0
7.8125
msec
0 0 1 1
122.070
µsec
0 1 0 0
244.141
µsec
0 1 0 1
488.281
µsec
0 1 1 0
976.562
µsec
0 1 1 1
1.953125
msec
1 0 0 0
3.90625
msec
1 0 0 1
7.8125
msec
1 0 1 0
15.625
msec
1 0 1 1
31.25
msec
1 1 0 0
62.5
msec
1 1 0 1
125
msec
1 1 1 0
250
msec
1 1 1 1
500
msec
TABLE 4-3. Divider Chain Control and Bank Selection
a. The oscillator stops in this case only in the
event of a power failure.
DV2-0
6
5 4
Selected
Bank
Configuration
0
0
0
Bank 0
Oscillator Disableda
0
0
1
Bank 0
Oscillator Disableda
0
1
0
Bank 0
Normal Operation
0
1
1
Bank 1
Normal Operation
1
0
0
Bank 2
Normal Operation
1
0
1
Undefined
Test
1
1
0
Bank 0
Divider Chain Reset
1
1
1
Bank 0
Divider Chain Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com