Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 14Page - National Semiconductor (TI) PC87307 Datasheet HTML 15Page - National Semiconductor (TI) PC87307 Datasheet HTML 16Page - National Semiconductor (TI) PC87307 Datasheet HTML 17Page - National Semiconductor (TI) PC87307 Datasheet HTML 18Page - National Semiconductor (TI) PC87307 Datasheet HTML 19Page - National Semiconductor (TI) PC87307 Datasheet HTML 20Page - National Semiconductor (TI) PC87307 Datasheet HTML 21Page - National Semiconductor (TI) PC87307 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 218 page
background image
18
Signal/Pin Connection and Description
www.national.com
GPIO20
GPIO21
GPIO22
GPIO23
GPIO27-24
157
77, 158
159
160
76-73
General
Purpose
I/O
Group 10
General Purpose I/O Signals 27-20 – General purpose I/O port 2
signals.
GPIO27-24 are multiplexed with XD5-2, respectively.
GPIO23 is multiplexed with RING.
GPIO22 is multiplexed with POR.
GPIO21 is multiplexed on pin 158 with IRSL2, IRSL0 and on pin 77
with IRSL2, SELCS and XD6. See “SuperI/O Configuration 2
Register, Index 22h” on page 35.
GPIO20 is multiplexed with IRSL1.
HDSEL
92
FDC
Output
Group 16
Head Select – This output signal determines which side of the FDD
is accessed. Active low selects side 1, inactive selects side 0.
ID0
ID1
ID2
ID3
79
78 or 157
158
70
UART2
Input
Group 1
Identification – These ID signals identify the infrared transceiver for
Plug and Play support. These pins are read after reset.
ID0 is multiplexed on pin 79 with IRRX2 and IRSL0.
ID1 is multiplexed on pin 78 with IRSL1 and XD7, or on pin 157 with
GPIO20 and IRSL1.
ID2 is multiplexed on pin 158 with GPIO21, IRSL2 and IRSL0.
ID3 is multiplexed on pin 70 with XDRD.
See Table 1-2 on page 23 for more information.
INDEX
97
FDC
Input
Group 1
Index – This input signal indicates the beginning of an FDD track.
INIT
117
Parallel Port
I/O
Group 13
Initialize – When this signal is active low, it causes the printer to be
initialized. This signal is in TRI-STATE after a 1 is loaded into the
corresponding control register bit.
An external 4.7 K
Ω pull-up resistor should be employed.
IOCHRDY
32
ISA-Bus
Output
Group 22
I/O Channel Ready – This is the I/O channel ready open drain
output signal. When IOCHRDY is driven low, the EPP extends the
host cycle.
IRQ1
IRQ5-3
IRQ12-6
IRQ15,14
36
39-37
47-41
49,48
ISA-Bus
I/O
Group 15
Interrupt Requests 1, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 14 and 15 – IRQ
polarity and push-pull or open-drain output selection is software
configurable by the logical device mapped to the IRQ line.
Keyboard Controller (KBC) or Mouse interrupts can be configured by
the Interrupt Request Type Select 0 register (index 71h) as either
edge or level.
The parallel port interrupt is either edge or level, according to the
operation mode (default edge, configured by the SuperI/O Parallel
Port Configuration register at index F0h).
IRRX2,1
79, 80
UART2
(SIR)
Input
Group 1
Infrared Reception 1 and 2 – Infrared serial input data.
IRRX2 is multiplexed with IRSL0 and ID0. See Table 1-2 on page 23
for more information.
IRSL0
IRSL1
IRSL2
79 or 158
78 or 157
77 or 158
UART2
(SIR)
Output
Infrared Control Signals 0, 1 and 2 – These signals control the
Infrared analog front end. The pins on which these signals are driven
is determined by the SuperI/O Configuration 2 register (index 22h).
See Section 2.4.4 on page 35. IRSL0 or ID0/IRRX2 on pin 79 is
determined by UART2 bit 5 of the IRCFG4 register (See page 165).
IRSL0 is multiplexed on pin 79 with IRRX2 and ID0, or on pin 158
with GPIO21, IRSL2 and ID2.
IRSL1 is multiplexed on pin 78 with XD7 and ID1, or on pin 157 with
GPIO20 and ID1.
IRSL2 is multiplexed on pin 77 with XD6, SELCS and GPIO21, or on
pin 158 with GPIO21, IRSL0 and ID2.
79, 78, 77
Group 17
158, 157
Group 10
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com