Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 56Page - National Semiconductor (TI) PC87307 Datasheet HTML 57Page - National Semiconductor (TI) PC87307 Datasheet HTML 58Page - National Semiconductor (TI) PC87307 Datasheet HTML 59Page - National Semiconductor (TI) PC87307 Datasheet HTML 60Page - National Semiconductor (TI) PC87307 Datasheet HTML 61Page - National Semiconductor (TI) PC87307 Datasheet HTML 62Page - National Semiconductor (TI) PC87307 Datasheet HTML 63Page - National Semiconductor (TI) PC87307 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 218 page
background image
60
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
Predetermined Wake-Up
The second, minute and hour values of the pre-determined
wake-up times are contained in the Seconds Alarm, Min-
utes Alarm and Hours Alarm registers, respectively (index-
es 01h, 03h and 05h of banks 0, 1 and 2). The Day of Week,
Date of Month, Month, Year and Century of the pre-deter-
mined date is held in bank 2, registers indexes 43h-46h and
48h. These eight registers are compared with the corre-
sponding Seconds, Minutes, Hours, Date of Week, Day of
Month, Month and Year in all banks, register indexes 00, 02,
04, 06, 07, 08, 09 and Century register in bank 1, register
index 48h.
Ring Signal Event
An incoming telephone call is an event that may activate a
transfer from the Power-Off state to a Power-On state, in or-
der to deal with the pending incoming voice, fax or modem
communication.
The part can detect a RING pulse falling edge or a RING
pulse train with a frequency of at least 16 Hz, that lasts at
least 0.19 seconds.
During RING pulse train detection, the existence of falling
edges on RING is monitored during time slots of 62.5 msec
(16 Hz cycle time). A RING pulse train detect event occurs
if falling edge(s) of RING were detected in three consecu-
tive time slots, following a time slot in which no falling edge
of RING was detected.
This method of detecting a RING pulse train filters out (does
not detect) a RING pulse train of less then 11 Hz, might de-
tect a RING pulse train of 11 Hz to 16 Hz, and guarantees
detection of a RING pulse train of at least 16 Hz.
RI1,2 Event
High to Low transitions on RI1 or RI2 indicate communica-
tions activity on the UART inputs, and these conditions may
be used as events to “wake-up” the system.
NOTE: The APC can distinguish between two events of the
same type if a minimum time of 2.5 periods of the 32Khz
clock passed between their arrivals. Thus, if the APC
detects an event, and another event of the same nature
occurs once again in less than 70ms from the previous
event, the APC might not detect the second event,i.e.,
the event will be lost.
4.5
APC REGISTERS
The APC registers reside in the APC bank 2 memory. The
RAM Lock register also resides in this bank. See Table 4-4
on page 55.
The APC registers are not affected by system reset. They
are initialized to 0 only when power is applied for the first
time, i.e., application of one of the voltages VBAT or VCCH
when no previous voltage was present.
4.5.1
APC Control Register 1 (APCR1), Index 40h
FIGURE 4-11. APCR1 Register Bitmap
Bit 0 - Reserved
Reserved.
Bit 1 - Switch Off Delay Option
0 - 4-5 seconds.
1 - 20-21 seconds.
Bit 2 - POR Edge or Level Select
0 - Edge POR.
1 - Level POR. Once POR is asserted, it remains as-
serted until cleared by Level POR Clear Command
(bit 3).
Bit 3 - Level POR Clear Command
This is a write-only non-sticky bit. Read returns 0.
0 - Ignored.
1 - POR output signal is deactivated.
Bit 4 - Mask ONCTL Activation if Power Fail (MOAP)
0 - When power returns, sets the system to the power
state that existed when power failed.
1 - While the Power Failure bit (bit 7 of APCR1) is set,
mask ONCTL activation, except as a result of a
Switch On Event.
Bit 5 - Software Off Command (SOC)
This bit is write-only and non-sticky. Read returns 0.
0 - Ignored.
1 - ONCTL output signal is deactivated.
Bit 6 - Fail-safe Timer Reset Command
This bit is write-only and non-sticky. Read returns 0.
0 - Ignored.
1 - Fail-safe timer is stopped and reset.
Bit 7 - Power Failure
Set to 1 when RTC/APC switches from VCCH to VBAT.
Cleared to 0 by writing 1 to this bit. Writing 0 to this bit
has no effect.
POR Edge or Level Select
MOAP
SOC
Fail-safe Timer Reset Command
Power Failure
76543210
Reserved
Switch Off Delay Option
Level POR Clear Command
Index 40h
Power-Up
Required
APC Control
(APCR1)
Reset
Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com