Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 31Page - National Semiconductor (TI) PC87307 Datasheet HTML 32Page - National Semiconductor (TI) PC87307 Datasheet HTML 33Page - National Semiconductor (TI) PC87307 Datasheet HTML 34Page - National Semiconductor (TI) PC87307 Datasheet HTML 35Page - National Semiconductor (TI) PC87307 Datasheet HTML 36Page - National Semiconductor (TI) PC87307 Datasheet HTML 37Page - National Semiconductor (TI) PC87307 Datasheet HTML 38Page - National Semiconductor (TI) PC87307 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 218 page
background image
35
Configuration
www.national.com
Bit 0 - ZWS Enable
This bit controls assertion of ZWS on any host SuperI/O
chip access, except for configuration registers access
(including Serial Isolation register) and except for Paral-
lel Port access.
For ZWS assertion on host-EPP access, see Section
6.5.17 on page 126.
0 - ZWS is not asserted.
1 - ZWS is asserted.
Bit 1 - CSOUT-NSC-test or CS0 Pin Select
This bit is initialized with SELCS strap value.
0 - CSOUT-NSC-test on CS0 pin.
1 - CS0.
Bit 2 - PC-AT or PS/2 Drive Mode Select
0 - PS/2 drive mode.
1 - PC-AT drive mode. (Default)
Bit 3 - Reserved
Reserved.
Bit 4 - X-Bus Data Buffer (XDB) Select
Select X-bus buffer on the XDB pins. This read only bit
is initialized with the CFG1 strap value. See also Chap-
ter 10 on page 179.
0 - No XDB buffer. XDB pins have alternate function,
see Table 1-2 on page 23.
1 - XDB enabled.
Bit 5 - Lock Scratch Bit
This bit controls bits 7 and 6 of this register. Once this
bit is set to 1 by software, it can be cleared to 0 only by
a hardware reset.
0 - Bits 7 and 6 of this register are read/write bits.
1 - Bits 7 and 6 of this register are read only bits.
Bits 7,6 - General Purpose Scratch Bits
When bit 5 is set to 1, these bits are read only. After re-
set they can be read or written. Once changed to read-
only, they can be changed back to be read/write bits
only by a hardware reset.
2.4.4
SuperI/O Configuration 2 Register, Index 22h
This read/write register is reset by hardware to 00h-03h.
See BADDR1,0 strap pins in Section 2.1.3.
FIGURE 2-4. SuperI/O Configuration 2 Register Bitmap
BADDR1 and BADDR0
GPIO Bank Select
76543210
Reset
Required
x
x
0
0
0
0
0
0
SuperI/O Configuration 2
Index 22h
Register,
GPIO21, IRSL2/ ID2 or ISL0 Pin Select
GPIO22 or POR Select
GPIO20 or IRSL1 Pin Select
GPIO17 or WDO Pin Select
Bits 1,0 - BADDR1 and BADDR0
Initialized on reset by BADDR1 and BADDR0 strap pins
(BADDR0 on bit 0). These bits select the addresses of
the configuration Index and Data registers and the Plug
and Play ISA Serial Identifier. See Tables 2-1 and 2-2.
Bit 2 - GPIO22 or POR Pin Select
The output buffer of this pin is selected by Port 2 Output
Type and Port 2 Pull-up Control registers.
0 - The pin is GPIO22.
1 - The pin is POR.
Bits 4,3 - GPIO21, IRSL2/ID2 or IRSL0 Pin Select
The output buffer of this pin is selected by Port 2 Output
Type and Port 2 Pull-up Control registers as shown in
Table 2-21.
TABLE 2-21. Signal Assignment for Pins 158 and 77
Bit 5 - GPIO20, IRSL1 or ID1 Pin Select
The output buffer of this pin is selected by Port 2 Output
Type and Port 2 Pull-up Control registers.
0 - The pin is GPIO20.
1 - The pin is IRSL1/ID1.
Bit 6 - GPIO17 or WDO Pin Select
This bit determines whether GPIO17 or WDO is routed
to pin 156 when bit 7 of the Port 1 Direction register at
offset 01h of logical device 7 is set to 1. See Section 8.1
on page 170.
The output buffer of this pin is selected by Port 2 Output
Type and Port 2 Pull-up Control registers.
0 - GPIO17 uses the pin. (Default)
1 - WDO uses the pin.
Bit 7 - GPIO Bank Select
This bit selects the active register ban1k of GPIO regis-
ters.
0 - Bank 0 is selected. (Default)
1 - Bank 1 is selected.
2.4.5
Programmable Chip Select Configuration Index
Register, Index 23h
This read/write register is reset by hardware to 00h. It indi-
cates the index of one of the Programmable Chip Select
(CS0, CS1 or CS2) configuration registers described in
Section 2.10.
The data in the indicated register is in the Programmable
Chip Select Configuration Data register at index 24h.
Bits 7 through 4 are read only and return 0000 when read.
Bit
4 3
Pin 158
Pin 77 when Bit 4 of SuperI/O
Config 1 Register = 0
0 0
GPIO21
IRSL2/SELCS
0 1
IRSL2/ID2
GPIO21/SELCS
1 0
IRSL0
IRSL2/SELCS
1 1
Reserved
IRSL2/SELCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com