Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 16Page - National Semiconductor (TI) PC87307 Datasheet HTML 17Page - National Semiconductor (TI) PC87307 Datasheet HTML 18Page - National Semiconductor (TI) PC87307 Datasheet HTML 19Page - National Semiconductor (TI) PC87307 Datasheet HTML 20Page - National Semiconductor (TI) PC87307 Datasheet HTML 21Page - National Semiconductor (TI) PC87307 Datasheet HTML 22Page - National Semiconductor (TI) PC87307 Datasheet HTML 23Page - National Semiconductor (TI) PC87307 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 218 page
background image
20
Signal/Pin Connection and Description
www.national.com
POR
159
APC
Output
Group 21
Power Off Request – This signal becomes active when an APC
Switch Off event occurs, regardless of the fail-safe delay. Selection of
edge or level for POR is via the APCR1 register of the APC.
Selection of an output buffer is via GPIO22 output buffer control bits
(in the Port 2 Output Type and Port 2 Pull-up Control registers
described in Table 8-1 on page 170). See Section 4.3 on page 55.
This signal is multiplexed with GPIO22.
RD
33
ISA-Bus
Input
Group 1
I/O Read – An active low RD input signal indicates that the
microprocessor has read data.
RDATA
95
FDC
Input
Group 1
Read Data – This input signal holds raw serial data read from the
Floppy Disk Drive (FDD).
RI2,1
145, 135
UART1, APC
Input
Group 7
Ring Indicators (Modem) – When low, this signal indicates that a
telephone ring signal has been received by the modem.
The CPU can test the status of the RI modem status input signal by
reading bit 6 (RI) of the Modem Status Register (MSR) for the
appropriate serial channel. Bit 6 is the complement of the RI signal.
Bit 2 (TERI) of the MSR indicates whether the RI input signal has
changed from low to high since the previous reading of the MSR.
When the TERI bit of the MSR is set, an interrupt is generated if
modem status interrupts are enabled.
When enabled, a high to low transition on RI1 or RI2 activates the
ONCTL pin. The RI1 and RI2 pins each have an schmitt-trigger input
buffer.
RING
69 or 160
APC
Input
Group 7
Ring Indicator (APC) – Detection of an active low RING pulse or
pulse train activates the ONCTL signal. The APC’s APCR2 register
determines which pin the RING signal uses. The pins have a schmitt-
trigger input buffer.
RING is multiplexed on pin 69 with XDCS and on pin 160 with
GPIO23.
RTS2,1
146, 136
UART1,
UART2
Output
Group 17
Request to Send – When low, these output signals indicate to the
modem or other data transfer device that the corresponding UART1
or UART2 is ready to exchange data.
The RTS signal can be set active low by programming bit 1 (RTS) of
the Modem Control Register (MCR) to a high level. A Master Reset
(MR) sets RTS to inactive high. Loopback operation holds it inactive.
RTS2 is multiplexed with CFG2. RTS1 is multiplexed with BADDR1.
SELCS
77
Configuration
Input
Group 4
Select CSOUT – During reset, this signal is sampled into bit 1 of the
SuperI/O Configuration 1 register (index 21h).
A 40 K
Ω internal pull-up resistor (or a 10 KΩ external pull-down
resistor for National Semiconductor testing) controls this pin during
reset. Do not pull this signal low during reset.
This signal is multiplexed with GPIO21, IRSL2 and XD6.
SIN2,1
147, 137
UART1,
UART2
Input
Group 1
Serial Input – This input signal receives composite serial data from
the communications link (peripheral device, modem or other data
transfer device.)
SLCT
114
Parallel Port
Input
Group 2
Select – This input signal is set active high by the printer when the
printer is selected. This pin is internally connected to a nominal
25 K
Ω pull-down resistor.
SLIN
118
Parallel Port
I/O
Group 13
Select Input – When this signal is active low it selects the printer.
This signal is in TRI-STATE after a 0 is loaded into the corresponding
control register bit.
An external 4.7 K
Ω pull-up resistor should be used.
This signal is multiplexed with ASTRB.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com