Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 88Page - National Semiconductor (TI) PC87307 Datasheet HTML 89Page - National Semiconductor (TI) PC87307 Datasheet HTML 90Page - National Semiconductor (TI) PC87307 Datasheet HTML 91Page - National Semiconductor (TI) PC87307 Datasheet HTML 92Page - National Semiconductor (TI) PC87307 Datasheet HTML 93Page - National Semiconductor (TI) PC87307 Datasheet HTML 94Page - National Semiconductor (TI) PC87307 Datasheet HTML 95Page - National Semiconductor (TI) PC87307 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 218 page
background image
92
www.national.com
Result Phase
5.7.5
The INVALID Command
If an invalid command (illegal opcode byte in the command
phase) is received by the Floppy Disk Controller (FDC), the
controller responds with the result phase Status register 0
(ST0) in the result phase. See “Result Phase Status Regis-
ter 0 (ST0)” on page 81
The controller does not generate an interrupt during this
condition. Bits 7 and 6 in the MSR (see Section 5.3.6 page
75) are both set to 1, indicating to the microprocessor that
the controller is in the result phase and the contents of ST0
must be read.
Command Phase
Execution Phase
None.
Result Phase
The system reads the value 80h from ST0 indicating that an
invalid command was received.
5.7.6
The LOCK Command
The LOCK command can be used to keep the FIFO en-
abled and to retain the values of some parameters after a
software reset.
After the command byte of the LOCK command is written,
its result byte must be read before the opcode of the next
command can be read. The LOCK command is not execut-
ed until its result byte is read by the microprocessor.
If the part is reset after the command byte of the LOCK com-
mand is written but before its result byte is read, then the
LOCK command is not executed. This prevents accidental
execution of the LOCK command.
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Undefined
Undefined
Undefined
Undefined
76543210
Invalid Opcodes
76543210
Result Phase Status Register 0 (STO) (80h)
Command Phase
Bit 7 - Control Reset Effect (LOCK)
This bit determines how the FIFO, THRESH, and
PRETRK bits in the CONFIGURE command and, the
FWR, FRD, and BST bits in the MODE command are af-
fected by a software reset.
0 -Set default values after a software reset. (Default)
1 - Values are unaffected by a software reset.
Execution Phase
Internal register is written.
Result Phase
Bit 4 - Control Reset Effect (LOCK)
Same as bit 7 of opcode in command phase.
5.7.7
The MODE Command
This command selects the special features of the controller.
The bits in the command bytes of the MODE command are
set to their default values after a hardware reset.
Command Phase
Second Command Phase Byte
Bit 0 - Extended Track Range (ETR)
This bit determines how the track number is stored. It is
cleared to 0 after a software reset.
0 - Track number is stored as a standard 8-bit value
compatible with the IBM, ISO, and Toshiba Perpen-
dicular formats.
This allows access of up to 256 tracks during a
seek operation. (Default)
1 - Track number is stored as a 12-bit value.
The upper four bits of the track value are stored in
the upper four bits of the head number in the sector
address field.
This allows access of up to 4096 tracks during a
seek operation. With this bit set, an extra byte is re-
quired in the SEEK command phase and SENSE
INTERRUPT result phase.
76543210
LOCK
0010100
76543210
0
0
0
LOCK
0000
76543210
00000001
TMR
IAF
IPS
0
LOW PWR
0
ETR
FWR
FRD
BST
R255
0000
DENSEL
BFR
WLD
Head Settle Factor
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com