Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 3Page - National Semiconductor (TI) PC87307 Datasheet HTML 4Page - National Semiconductor (TI) PC87307 Datasheet HTML 5Page - National Semiconductor (TI) PC87307 Datasheet HTML 6Page - National Semiconductor (TI) PC87307 Datasheet HTML 7Page - National Semiconductor (TI) PC87307 Datasheet HTML 8Page - National Semiconductor (TI) PC87307 Datasheet HTML 9Page - National Semiconductor (TI) PC87307 Datasheet HTML 10Page - National Semiconductor (TI) PC87307 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 218 page
background image
7
Table of Contents
www.national.com
4.5
APC REGISTERS ...................................................................................................................... 60
4.5.1
APC Control Register 1 (APCR1), Index 40h .............................................................. 60
4.5.2
APC Control Register 2 (APCR2), Index 41h .............................................................. 61
4.5.3
APC Status Register (APSR), Index 42h ..................................................................... 61
4.5.4
RAM Lock Register (RLR), Index 47h ......................................................................... 62
4.6
RTC AND APC REGISTER BITMAPS ...................................................................................... 62
4.6.1
RTC Register Bitmaps ................................................................................................. 62
4.6.2
APC Register Bitmaps ................................................................................................. 63
4.7
REGISTER BANK TABLES ....................................................................................................... 64
5.0
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
5.1
FDC FUNCTIONS ..................................................................................................................... 66
5.1.1
Microprocessor Interface ............................................................................................. 66
5.1.2
System Operation Modes ............................................................................................ 66
5.2
DATA TRANSFER ..................................................................................................................... 67
5.2.1
Data Rates ................................................................................................................... 67
5.2.2
The Data Separator ..................................................................................................... 67
5.2.3
Perpendicular Recording Mode Support ..................................................................... 68
5.2.4
Data Rate Selection ..................................................................................................... 68
5.2.5
Write Precompensation ............................................................................................... 69
5.2.6
FDC Low-Power Mode Logic ....................................................................................... 69
5.2.7
Reset ........................................................................................................................... 69
5.3
THE REGISTERS OF THE FDC ............................................................................................... 70
5.3.1
Status Register A (SRA), Offset 00h ........................................................................... 70
5.3.2
Status Register B (SRB), Offset 01h ........................................................................... 71
5.3.3
Digital Output Register (DOR), Offset 02h .................................................................. 71
5.3.4
Tape Drive Register (TDR), Offset 03h ....................................................................... 73
5.3.5
Main Status Register (MSR), Offset 04h, Read Operations ........................................ 74
5.3.6
Data Rate Select Register (DSR), Offset 04h, Write Operations ................................ 75
5.3.7
Data Register (FIFO), Offset 05h ................................................................................ 76
5.3.8
Digital Input Register (DIR), Offset 07h, Read Operations .......................................... 77
5.3.9
Configuration Control Register (CCR), Offset 07h, Write Operations ......................... 78
5.4
THE PHASES OF FDC COMMANDS ....................................................................................... 78
5.4.1
Command Phase ......................................................................................................... 78
5.4.2
Execution Phase .......................................................................................................... 78
5.4.3
Result Phase ............................................................................................................... 80
5.4.4
Idle Phase .................................................................................................................... 80
5.4.5
Drive Polling Phase ..................................................................................................... 80
5.5
THE RESULT PHASE STATUS REGISTERS .......................................................................... 81
5.5.1
Result Phase Status Register 0 (ST0) ......................................................................... 81
5.5.2
Result Phase Status Register 1 (ST1) ......................................................................... 81
5.5.3
Result Phase Status Register 2 (ST2) ......................................................................... 82
5.5.4
Result Phase Status Register 3 (ST3) ......................................................................... 83
5.6
FDC REGISTER BITMAPS ....................................................................................................... 84
5.6.1
FDC Standard Register Bitmaps ................................................................................. 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com