Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 19Page - National Semiconductor (TI) PC87307 Datasheet HTML 20Page - National Semiconductor (TI) PC87307 Datasheet HTML 21Page - National Semiconductor (TI) PC87307 Datasheet HTML 22Page - National Semiconductor (TI) PC87307 Datasheet HTML 23Page - National Semiconductor (TI) PC87307 Datasheet HTML 24Page - National Semiconductor (TI) PC87307 Datasheet HTML 25Page - National Semiconductor (TI) PC87307 Datasheet HTML 26Page - National Semiconductor (TI) PC87307 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 218 page
background image
23
Signal/Pin Connection and Description
www.national.com
In Table 1-2, unselected (XDB or alternate function) input signals are internally blocked high.
TABLE 1-2. Multiplexed X-Bus Data Buffer (XDB) Pins
TABLE 1-3. Pins with a Strap Function During Reset
Pin
X-Bus Data Buffer (XDB)
Bit 4 of SuperI/O Configuration
Register 1 = 1
I/O
Alternate Function
Bit 4 of SuperI/O Configuration 1
Register = 0
I/O
69
XDCS
Input
RING
Input
70
XDRD
Input
ID3
Input
71
XD0
I/O
CS1
Output
72
XD1
I/O
CS2
Output
73
XD2
I/O
GPIO24
I/O
73
XD3
I/O
GPIO25
I/O
75
XD4
I/O
GPIO26
I/O
76
XD5
I/O
GPIO27
I/O
77
XD6/SELCS
I/O
IRSL2/SELCS/GPIO21
I/O
78
XD7
I/O
IRSL1/ID1
I/O
Strap Pins
Pin
Symbols
BADDR1,0
134
DTR1/BADDR0/BOUT1
136
RTS1/BADDR1
CFG3-0
138
SOUT1/CFG0
144
DTR2/CFG1/BOUT2
146
RTS2/CFG2
148
SOUT2/CFG3
SELCS
77
IRSL2/XD6/SELCS/GPIO21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com