Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 106Page - National Semiconductor (TI) PC87307 Datasheet HTML 107Page - National Semiconductor (TI) PC87307 Datasheet HTML 108Page - National Semiconductor (TI) PC87307 Datasheet HTML 109Page - National Semiconductor (TI) PC87307 Datasheet HTML 110Page - National Semiconductor (TI) PC87307 Datasheet HTML 111Page - National Semiconductor (TI) PC87307 Datasheet HTML 112Page - National Semiconductor (TI) PC87307 Datasheet HTML 113Page - National Semiconductor (TI) PC87307 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 218 page
background image
110
www.national.com
5.8
EXAMPLE OF A FOUR-DRIVE CIRCUIT USING THE PC87307/PC97307
Figure 5-21 shows one implementation of a four-drive circuit. Refer to Table 5-2 on page 72 to see how to encode the drive
and motor bits for this configuration.
FIGURE 5-21. PC87307/PC97307 Four Floppy Disk Drive Circuit
PC87307/
74LS139
7407 (2)
Hex Buffers
ICC = 40 mA
Open Collector
DR0
DR1
MTR0
G1
A1
B1
G2
A2
B2
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
Decoded Signal for Motor 3
Decoded Signal for Motor 2
Decoded Signal for Motor 1
Decoded Signal for Motor 0
Decoded Signal for Drive 3
Decoded Signal for Drive 2
Decoded Signal for Drive 1
Decoded Signal for Drive 0
PC97307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com