Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 114Page - National Semiconductor (TI) PC87307 Datasheet HTML 115Page - National Semiconductor (TI) PC87307 Datasheet HTML 116Page - National Semiconductor (TI) PC87307 Datasheet HTML 117Page - National Semiconductor (TI) PC87307 Datasheet HTML 118Page - National Semiconductor (TI) PC87307 Datasheet HTML 119Page - National Semiconductor (TI) PC87307 Datasheet HTML 120Page - National Semiconductor (TI) PC87307 Datasheet HTML 121Page - National Semiconductor (TI) PC87307 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 218 page
background image
118
Parallel Port (Logical Device 4)
www.national.com
EPP 1.7 Data Write and Read
This procedure writes to the selected peripheral device or
register.
EPP 1.7 data read or write operations are similar to EPP 1.7
Address register read or write operations, except that the
data strobe (DSTRB signal), and the EPP Data register, re-
place the address strobe (ASTRB signal) and the EPP Ad-
dress register, respectively.
EPP Revision 1.7 and 1.9 Zero Wait State (ZWS)
Address Write and Read Operations
The following procedure performs a short write to the select-
ed peripheral device or register. See also Figure 6-14.
1. The system writes a byte to the EPP Address register.
WR becomes low to latch D7-0 into the EPP Data regis-
ter. The latch drives the EPP Data register to PD7-0.
2. The EPP first pulls WRITE low, and then pulls ASTRB
low to indicate that data has been sent.
3. If WAIT was high during the system write cycle, ZWS
goes low and IOCHRDY stays high.
4. When the system pulls WR high, the EPP pulls ASTRB,
ZWS and then WRITE to high. The EPP can change
PD7-0 only when WRITE and ASTRB are high.
5. If the peripheral is fast enough to pull WAIT low before
the system terminates the write cycle, the EPP pulls
IOCHRDY to low, but does not pull ZWS to low, thus
carrying out a normal (non-ZWS EPP 1.7) write opera-
tion.
FIGURE 6-14. EPP Write with Zero Wait States
A read operation is similar, except for the data direction, ac-
tivation of RD instead of WR, and WRITE stays high.
6.3.11
EPP 1.7 and 1.9 Zero Wait State Data Write and
Read Operations
EPP 1.7 zero wait state data write and read operations are
similar to EPP zero wait state address write and read oper-
ations, with the exception that the data strobe (DSTRB sig-
nal), and a data register, replace the address strobe
(ASTRB signal) and the address register, respectively.
D7-0
WR
WAIT
DSTRB or
WRITE
PD7-0
IOCHRDY
ZWS
ASTRB
EPP 1.9 Address Write
The following procedure selects a peripheral or register as
shown in Figure 6-15.
1. The system writes a byte to the EPP Address register.
2. The EPP pulls IOCHRDY low, and waits for WAIT to be-
come low.
3. When WAIT becomes low, the EPP pulls WRITE to low
and drives the latched byte onto PD7-0. If WAIT was al-
ready low, steps 2 and 3 occur concurrently.
4. The EPP pulls ASTRB low and waits for WAIT to be-
come high.
5. When WAIT becomes high, the EPP stops pulling
IOCHRDY low, and waits for WR to become high.
6. When WR becomes high, the EPP pulls ASTRB high,
and waits for WAIT to become low.
7. If no EPP write is pending when WAIT becomes low, the
EPP pulls WRITE to high. Otherwise, WRITE remains
low, and the EPP may change PD7-0.
FIGURE 6-15. EPP 1.9 Address Write
EPP 1.9 Address Read
The following procedure reads from the address register.
1. The system reads a byte from the EPP address register.
When RD becomes low, the EPP pulls IOCHRDY low,
and waits for WAIT to become low.
2. When WAIT becomes low, the EPP pulls ASTRB low
and waits for WAIT to become high. If WAIT was already
low, steps 2 and 3 occur concurrently.
3. When WAIT becomes high, the EPP stops pulling IO-
CHRDY low, and waits for RD to become high.
4. When RD becomes high, the EPP latches PD7-0 (to
provide sufficient hold time), pulls ASTRB high, and puts
D7-0 in TRI-STATE.
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com