Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 132Page - National Semiconductor (TI) PC87307 Datasheet HTML 133Page - National Semiconductor (TI) PC87307 Datasheet HTML 134Page - National Semiconductor (TI) PC87307 Datasheet HTML 135Page - National Semiconductor (TI) PC87307 Datasheet HTML 136Page - National Semiconductor (TI) PC87307 Datasheet HTML 137Page - National Semiconductor (TI) PC87307 Datasheet HTML 138Page - National Semiconductor (TI) PC87307 Datasheet HTML 139Page - National Semiconductor (TI) PC87307 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 218 page
background image
136
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.3
REGISTER BANK OVERVIEW
Eight register banks, each containing eight registers, con-
trol UART operation. All registers use the same 8-byte ad-
dress space to indicate offsets 00h through 07h, and the
active bank must be selected by the software.
The register bank organization enables access to the banks
as required for activation of all module modes, while main-
taining transparent compatibility with 16450 or 16550 soft-
ware, which activates only the registers and specific bits
used in those devices. For details, See Section 7.4.
The Bank Selection Register (BSR) selects the active bank
and is common to all banks. See Figure 7-1. Therefore,
each bank defines seven new registers.
FIGURE 7-1. Register Bank Architecture
The default bank selection after system reset is 0, which
places the module in the UART 16550 mode. Additionally,
setting the baud rate in bank 1 (as required to initialize the
16550 UART) switches the module to a Non-Extended
UART mode. This ensures that running existing 16550 soft-
ware will switch the system to the 16550 configuration with-
out software modification.
Table 7-1 shows the main functions of the registers in each
bank. Banks 0-3 control both UART and infrared modes of
operation; banks 4-7 control and configure the infrared
modes only.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks
TABLE 7-1. Register Bank Summary
Banks 0 and 1 are the 16550 register banks. The registers
in these banks are equivalent to the registers contained
in the 16550 UARTs and are accessed by 16550 soft-
ware drivers as if the module was a 16550. Bank 1 con-
tains the baud divisor ports. Bank 0 registers control all
other aspects of the UART function, including data
transfers, format setup parameters, interrupt setup and
status monitoring.
Bank 2 contains the non-legacy Baud Generator Divisor
ports, and controls the extended features special to this
UART, that are not included in the 16550 repertoire.
These include DMA usage. See ”Extended UART
Mode” on page 137.
Bank 3 contains the Module Revision ID and shadow regis-
ters. The Module Revision ID (MRID) register contains
a code that identifies the revision of the module when
read by software. The shadow registers contain the
identical content as reset-when-read registers within
bank 0. Reading their contents from the shadow regis-
ters lets the system read the register content without re-
setting them.
Bank 4 contains setup parameters for the Infra-red modes.
Bank 5 registers control infrared parameters related to the
logical system I/O parameters.
Bank 6 registers control physical characteristics involved
in infrared communications (e.g. pulse width selection).
Bank 7 registers are dedicated to Consumer-IR configura-
tion and control.
7.4
UART MODES – DETAILED DESCRIPTION
The UART modes support serial data communications with
a remote peripheral device or modem using a wired inter-
face.
Bank
UART
IR
Mode
Main Functions
0

Global Control and Status
1

Legacy Bank
2

Baud Generator Divisor,
Extended Control and Status
3

Module Revision ID and
Shadow Registers
4

IR mode setup
5

Infrared Control
6

Infrared Physical Layer
Configuration
7

Consumer-IR and Optical
Transceiver Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com