Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 177Page - National Semiconductor (TI) PC87307 Datasheet HTML 178Page - National Semiconductor (TI) PC87307 Datasheet HTML 179Page - National Semiconductor (TI) PC87307 Datasheet HTML 180Page - National Semiconductor (TI) PC87307 Datasheet HTML 181Page - National Semiconductor (TI) PC87307 Datasheet HTML 182Page - National Semiconductor (TI) PC87307 Datasheet HTML 183Page - National Semiconductor (TI) PC87307 Datasheet HTML 184Page - National Semiconductor (TI) PC87307 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 218 page
background image
181
Interrupt and DMA Mapping
www.national.com
12.0 Interrupt and DMA Mapping
The standard Plug and Play Configuration registers map
IRQs and DMA channels for the part. See Tables 2-8 and
2-9 starting on page 29.
12.1 IRQ MAPPING
The part allows connection of some logical devices to the 13
IRQ signals.
The polarity of an IRQ signal is controlled by bit 1 of the In-
terrupt Type registers (index 71h) of each logical device.
The same bit also controls selection of push-pull or open-
drain IRQ output. High polarity implies push-pull output.
Low polarity implies open-drain output with strong pull-up
for a short time, followed by weak pull-up.
The IRQ input signals of the KBC or mouse, and of the par-
allel port are not affected by this bit, i.e., bit 1 at index 71h
of each logical device. This bit affects only the output buffer,
not the input buffer.
Only UART1 and UART2 may map more than one logical
device to any IRQ signal. Other devices may not do so.
An IRQ signal is in TRI-STATE when any of the following
conditions is true:
• No logical device is mapped to the IRQ signal.
• The logical device mapped to the IRQ signal is inactive.
• The logical device mapped to the IRQ signal floats its
IRQ signal.
12.2 DMA MAPPING
Although the part allows some logical devices to be con-
nected to the four 8-bit DMA channels, it is illegal to map
two logical devices to the same pair of DMA signals.
A DRQ signal is in TRI-STATE and the DACK input signal
is blocked to 1 when any of the following conditions is true:
• No logical device is mapped to the DMA channel.
• The logical device mapped to the DMA channel is inac-
tive.
• The logical device mapped to the DMA channel floats its
DRQ signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com