Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 192Page - National Semiconductor (TI) PC87307 Datasheet HTML 193Page - National Semiconductor (TI) PC87307 Datasheet HTML 194Page - National Semiconductor (TI) PC87307 Datasheet HTML 195Page - National Semiconductor (TI) PC87307 Datasheet HTML 196Page - National Semiconductor (TI) PC87307 Datasheet HTML 197Page - National Semiconductor (TI) PC87307 Datasheet HTML 198Page - National Semiconductor (TI) PC87307 Datasheet HTML 199Page - National Semiconductor (TI) PC87307 Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 218 page
background image
196
Device Description
www.national.com
13.3.5
Transmitter Timing
TABLE 13-39. Transmitter Timing
Notes:
1. See write cycle timing in Figure 13-4.
2. See read cycle timing in Figure 13-3.
FIGURE 13-7. Transmitter Timing
a. Not tested. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tIRTXW
IRTX Pulse Widtha
1.6
µsec
3/
16
Baud Output Cycles
tHR
Delay from WR (WR THR) to Reset IRQ
40
nsec
tIR
Delay from RD (RD IIR) to Reset IRQ (THRE)
55
nsec
tIRS
Delay from Initial IRQ Reset to Transmit Start a
8
24
Baud Output Cycles
tSI
Delay from Initial Write to IRQ a
16
24
Baud Output Cycles
tSTI
Delay from Start Bit to IRQ (THRE) a
8
Baud Output Cycles
START
DATA (5-8)
PARITY
STOP (1-2) START
tIRS
tSTI
tHR
tSI
tHR
tIR
Serial
Out
(SOUT)
Interrupt
(THRE)
WR
(WR THR)
Note 1
RD
(RD IIR)
Note 2
tIRTXW
IRTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com