Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 206Page - National Semiconductor (TI) PC87307 Datasheet HTML 207Page - National Semiconductor (TI) PC87307 Datasheet HTML 208Page - National Semiconductor (TI) PC87307 Datasheet HTML 209Page - National Semiconductor (TI) PC87307 Datasheet HTML 210Page - National Semiconductor (TI) PC87307 Datasheet HTML 211Page - National Semiconductor (TI) PC87307 Datasheet HTML 212Page - National Semiconductor (TI) PC87307 Datasheet HTML 213Page - National Semiconductor (TI) PC87307 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 218 page
background image
210
Device Description
www.national.com
13.3.20 GPIO Write Timing
FIGURE 13-28. GPIO Write Timing Diagram
TABLE 13-57. GPIO Write Timing
13.3.21 RTC Timing
TABLE 13-58. RTC Timing
FIGURE 13-29. IRQ Release Delay
FIGURE 13-30. Master Reset (MR) Timing
a. Refer to “Microprocessor Interface Timing” on page 193 for read timing.
a. Not tested. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tWGO
Write Data to GPIO Update
300 a
nsec
Symbol
Parameter
Test Conditions
Min
Max
Unit
tRW
IOR to IRQ TRI-STATE a
36
nsec
tRCI
MR to IRQ TRI-STATE a
25
nsec
tRCL
MR High Time
100
µsec
tVMR
VCC (4.5V) to MR
a
10
msec
GPIO17-10
IOW
D7-0
tWGO
GPIO27-20
A15-0
Valid
Valid
Valid
Previous State
IRQ
tRW
RD
MR
tRCI
tRCL
VCC
MR
tVMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com