Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 7Page - STMicroelectronics PM8801 Datasheet HTML 8Page - STMicroelectronics PM8801 Datasheet HTML 9Page - STMicroelectronics PM8801 Datasheet HTML 10Page - STMicroelectronics PM8801 Datasheet HTML 11Page - STMicroelectronics PM8801 Datasheet HTML 12Page - STMicroelectronics PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID018560 Rev 2
11/37
PM8801
Pin descriptions and connection diagram
7GAT1
Main gate driver output of the PWM controller.
DC-DC converter gate driver output with 1A peak sink-source current capability. (5
Ω typ MOSFETs).
8VC
Output of the internal high-voltage regulator.
When the auxiliary transformer winding (if used) raises the voltage on this pin above
the 8 V typ. regulation set point, the internal regulator will shut down, reducing the
internal power dissipation. Filter this pin with a 1 µF typ connected to ground.
9GAT2
Secondary gate driver output.
AUX gate driver output for active clamp or synchronous rectification designs. 1 A
peak sink-source current capability (5
Ω typ MOSFETs).
10
ARTN
Analog PWM supply ground.
RTN for sensitive analog circuitry including the SMPS current limit amplifier.
11
RTN2
Power ground for the secondary gate driver.
This pin is also connected to the drain of the internal current-limiting power
MOSFET which closes VSS to the return path of the DC-DC converter.
This pin must be connected to RTN1 and ARTN.
12
VSS
System low potential input.
Diode "OR'd" to the RJ45 connector and PSE's –48 V supply, it is the more negative
input potential.
13
VDD
System high potential input.
The diode "OR" of several lines entering the PD, it is the most positive input
potential.
14
VDD
System high potential input.
The diode "OR" of several lines entering the PD, it is the most positive input
potential.
15
DET
Detection resistor.
Connect the signature resistance between DET pin and VDD. Current will flow
through the resistor only during the detection phase.
This pin is 100 V rated with negligible resistance with respect to the external 24.9
k
Ω.
16
NC
Not Connected.
17
CLS
Classification resistor.
Connect the classification programming resistor from this pin to VSS.
18
DIM
LED dimming set.
A resistor between this pin and VSS will set the duty cycle of the PWM current
driving the LED connected to pin 23.
19
SA
Auxiliary input startup pin.
Pulling up this pin will give high priority to an auxiliary power source like an external
wall adapter. Use a resistor voltage divider from the auxiliary
voltage to ARTN to connect this low voltage rating pin.
Connect this pin to ARTN if not used.
Table 2. Pin descriptions (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com