Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID018560 Rev 2
25/37
PM8801
PD interface
To minimize current consumption during sleep mode, the MPS current is obtained by:
–
the 12 mA driving LED current when the LED is on
–
an internal 12 mA sink when the LED is off
This behavior ensures a 12 mA constant MPS current shape when the MPS is on.
During MPS dropout the consumption is due only to the quiescent current and the average
LED driving current.
IMPDO= Iddq + D*ILED
Figure 11. LED enabled at startup
Ch1: LED, Ch2: ENDC, Ch3: Iinput, Ch4: 5Vout
LED signal will be present also in the case an auxiliary source is used in place of PoE.
If both PoE and auxiliary source are connected, the PoE interface is not providing power to
the DC/DC section, but still provides current to the LED.
When working from an auxiliary source, if the system requires disconnection from the PSE,
it is suggested to turn off the LED for at least 400 msec after insertion of the auxiliary power
jack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com