Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PD interface
PM8801
24/37
DocID018560 Rev 2
In case of thermal shutdown, MPS is released, making sure that current consumption is
below the threshold and allowing the PSE to detach the PD.
When the PM8801 is powered by an auxiliary source (see Section 6 ), the MPS current is
not activated.
Figure 10. Sleep mode with pulsed MPS current
Ch1: ENSL, Ch2: VSS-RTN. Ch3: Iinput, Ch4: 5Vout
4.7
LED driving
The PM8801 features a current-driven LED output. The LED is enabled when the ENDC pin
is driven high, or automatically enabled in sleep mode.
The LED driver sources a PWM current at 250 Hz frequency and 12 mA typical amplitude.
The LED brightness is adjustable connecting a resistor RDC at 1% accuracy between DIM
and VSS. The correspondence between duty-cycle and resistor values are shown in the
following Table 8.
Table 8. LED duty cycle selection
LED duty cycle D
RD [Ω]
0>1 M
15%
453 k
33%
243 k
47%
162 k
75%
110 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com