Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics PM8801 Datasheet HTML 32Page - STMicroelectronics PM8801 Datasheet HTML 33Page - STMicroelectronics PM8801 Datasheet HTML 34Page - STMicroelectronics PM8801 Datasheet HTML 35Page - STMicroelectronics PM8801 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Auxiliary sources
PM8801
32/37
DocID018560 Rev 2
6
Auxiliary sources
The majority of Powered Devices is designed to work with power from either a PoE network
or auxiliary sources. Even though having both sources simultaneously connected is not the
normal operating case, the presence of an auxiliary supply allows PDs to be used also when
the PoE is not available or not sufficient.
Different alternatives are available for connecting auxiliary sources to the PoE section of a
PD device. Auxiliary sources can be connected prior to the hot-swap MOSFET, after the hot-
swap MOSFET or even at the output of the DC/DC converter.
All the above-mentioned methods are available with the PM8801.
Connection of the wall adapter prior to the internal hot-swap MOSFET has a limitation on
the voltage of the adapter itself, since it is seen as an alternative of the PoE line and the
embedded DC/DC section is activated only when its value is above the UVLO_R threshold.
Default inrush and DC current limitation are considered in this case.
Priority of one source over another cannot be guaranteed by design, since it depends on
timings of insertion and the value of the PoE line with respect to the auxiliary source, for
example, the PoE connection is already established, the auxiliary source cannot prevail
unless its value is higher than the one from the PoE after the diode bridge.
Both Figure 1 and Figure 2 show simplified application schematics where auxiliary sources
are connected after the internal hot-swap MOSFET (VDD and RTN). This connection
together with the resistor divider on the SA pin allows priority of the external source with
respect to the PoE. Indeed, if the voltage of this pin is above the value of 1.20 V typ., the
PM8801 will disable its PD interface section and enable only the DC/DC section. The
internal hot-swap MOSFET will be opened.
Depending on the value of the auxiliary source, the resistor divider must be dimensioned in
order to have voltage on the SA pin above the threshold 1.20 V (see Table 6) but still below
its maximum operative value of 3.3 V, as reported on Table 3.
Figure 17. Smooth transition from POE to auxiliary source and vice-versa
Ch1:SA, Ch2: VSS-RTN, Ch3: Iinput, Ch4: 5Vout
The minimum operative voltage for auxiliary sources connected on the SA pin is 13 V, thus
allowing the use of a 15 V typ
±10% power adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com