Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 9Page - STMicroelectronics PM8801 Datasheet HTML 10Page - STMicroelectronics PM8801 Datasheet HTML 11Page - STMicroelectronics PM8801 Datasheet HTML 12Page - STMicroelectronics PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DocID018560 Rev 2
13/37
PM8801
Electrical specifications
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
Absolute maximum ratings are limits beyond which damage to the device may occur.
3.2
Thermal data
Table 3.Absolute maximum ratings
Parameter
Value
Unit
VDD, DET, ARTN to VSS
-0.3 to 100
V
LED to VSS
-0.3 to 5.5
V
CLS, DIM, WKUP to VSS
-0.3 to 3.6
V
VC to ARTN
-0.3 to 16
V
GAT1, GAT2, T2P to ARTN
-0.3 to VC+0.3
V
CTL, VB, DT, ENDC, ENSL to ARTN
-0.3 to 5.5
V
FRS, SA, CS to ARTN
-0.3 to 3.6
V
RTN1, RTN2 to ARTN
-0.3 to 0.3
V
ESD HBM
2
kV
ESD CDM
500
V
Operating junction temperature(1)
1.
Internally limited to 160 °C typ. with internal overtemperature protection circuit.
-40 to 150
°C
Storage temperature
-40 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RTHJA
Max thermal resistance junction to ambient(1)
1.
Package mounted on a 4-layer board ( 2 signals + 2 powers ), CU thickness 35 micron, with 6-8 vias on the
exposed pad copper area connected to an inner power plane
40
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Operative junction temperature range
-40 to 125
°C
TA
Operative ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com