Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 10Page - STMicroelectronics PM8801 Datasheet HTML 11Page - STMicroelectronics PM8801 Datasheet HTML 12Page - STMicroelectronics PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Electrical specifications
PM8801
14/37
DocID018560 Rev 2
3.3
Electrical characteristics
VDD = 48 V, VC = not loaded, Cvc = 1 µF, VB = not loaded, Cvb =1 µF,
GAT1 and GAT2 = not loaded, TA = 25 °C unless otherwise specified.
Values in Bolded type apply over the full operating ambient temperature range.
Table 5. Electrical characteristics - interface section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Detection and Classification
Signature enable
VDD rising
1.5
V
Signature pull down
resistance
within signature range
150
350
Ω
Signature disable
VDD rising
10.3
10.8
11.3
V
Classification enable
VDD rising
11.3
12
12.7
V
Classification turn-off
VDD rising
21.5
23.0
24.5
V
Mark event threshold /
Classification turn-off
VDD falling
9
10
11
V
Classification reset
threshold
VDD falling
3
4
5
V
CLS voltage
within classification range with
44 mA load
1.3
1.4
1.5
V
CLS max current
capability
within classification range with CLS
pin grounded
50
65
80
mA
Bias current
Idd
VDD supply current
during detection
VDD = 8 V
10
μA
VDD supply current
during classification
900
1200
μA
VDD supply current
during mark event
500
800
1100
μA
Undervoltage lockout
VUVLO_R
UVLO release
VIN rising
34
35
36.5
V
VUVLO_F
UVLO lockout
VIN falling
30
31
32.5
V
UVLO hysteresis
3.5
4
4.5
V
Hot-swap MOSFET
RDSON
MOSFET resistance
0.45
1
Ω
Default inrush
current limit
125
140
155
mA
Default DC
current limit
590
640
690
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com