Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Electrical specifications
PM8801
18/37
DocID018560 Rev 2
Note:
1) Minimum and maximum limits are guaranteed by test, design, or statistical
correlation.Typical values represent the most likely parametric norm at TA = 25 °C, and are
provided for reference only.
2) Device thermal limitations could limit useful operating range.
3) he VC regulator is intended for internal use only as the startup supply of the PM8801; any
additional external VC current, including the VB regulator current and external MOSFET
driving current, has to be limited within the specified max current limit.
Device current consumption
Iddq
VDD quiescent current
VD > VUVLO_R, VC = 12 V, CTL = 0
1.25
1.5
mA
VC quiescent current
VD > VUVLO_R, VC = 12 V, CTL = 0
2
2.5
mA
Table 6. Electrical characteristics - SMPS section (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com