Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics PM8801 Datasheet HTML 32Page - STMicroelectronics PM8801 Datasheet HTML 33Page - STMicroelectronics PM8801 Datasheet HTML 34Page - STMicroelectronics PM8801 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID018560 Rev 2
31/37
PM8801
PWM controller
When a severe overcurrent occurs, like a short-circuit of an internal power component, and
0.7 V level is reached on CS, the gate driver is instantaneously shut down and a new soft-
start is performed after 4096 switching periods.
In case of persistent severe overcurrent, the control logic tries 4 cycles of fast hiccup before
completely shutting down the PWM controller.
To restart the device, after removing the cause of the overcurrent, VDD must be reduced
below the UVLO level.
Figure 16. Overload (left) and short-circuit (right) behavior
Ch1: CTL signal, Ch2: 5Vout, Ch3: I input
5.6
Thermal protection
The PM8801 thermal protection limit is set to 160 °C on the junction temperature and is
always active. When this threshold is exceeded, the hot-swap MOSFET is opened and the
PWM controller is switched off.
When the junction temperature goes below about 130 °C the converter will start
automatically, without needing to recycle the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com