Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 8Page - STMicroelectronics PM8801 Datasheet HTML 9Page - STMicroelectronics PM8801 Datasheet HTML 10Page - STMicroelectronics PM8801 Datasheet HTML 11Page - STMicroelectronics PM8801 Datasheet HTML 12Page - STMicroelectronics PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Pin descriptions and connection diagram
PM8801
12/37
DocID018560 Rev 2
20
DT
Delay time set.
A resistor connected from this pin to ARTN sets the delay time between GAT1 and
GAT2. This pin cannot be left open.
21
FRS
Switching frequency set.
An external resistor connected from FRS to ARTN sets the oscillator frequency.
22
T2P
Successful 2-event classification indicator.
T2P open-drain signal assertion happens when powered by a PSE performing a 2-
event classification. T2P is an active-low signal.
23
LED
Sleep mode LED indicator.
An LED connected to VSS is driven by a 250 Hz, 12 mA PWM current. The LED
brightness can be set through the DIM pin.
24
WKUP
Wake-up signal.
Closing the switch from WKUP to VSS, the PM8801 wakes up from sleep mode,
enabling the DC/DC controller with a soft-start. The WKUP is an active-low input.
EP
Exposed Pad.
Connect this pad to a pcb copper plane to improve heat dissipation; must be
electrically connected to VSS.
Table 2. Pin descriptions (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com