Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics PM8801 Datasheet HTML 32Page - STMicroelectronics PM8801 Datasheet HTML 33Page - STMicroelectronics PM8801 Datasheet HTML 34Page - STMicroelectronics PM8801 Datasheet HTML 35Page - STMicroelectronics PM8801 Datasheet HTML 36Page - STMicroelectronics PM8801 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DocID018560 Rev 2
33/37
PM8801
Auxiliary sources
The internal logic will enable operations of the pwm controller only if the input voltage is over
the signature disable threshold (10.8 V typ, 10.3 - 11.3 V range).
Note that inrush current in this case is not limited and an external solution must be found.
The simplest solution is to put a low-value resistor in-series, but this lowers the converter’s
efficiency. A more efficient solution is the use of a MOSFET as the power switch, able to
limit the current during the charging phase, and to add only a few m
Ω in-series during
normal operation.
No DC current limit is foreseen for rear connection, since the current will not be flowing
through the hot-swap MOSFET. Cycle-by-cycle, overcurrent protection and thermal
protection are instead always active, as well as when the voltage on SA pin is above the
threshold 1.20 V.
The T2P signal will remain high (de-asserted) if a rear auxiliary source is connected.
If the T2P signal was asserted, when the the auxiliary source is connected, it will be turned
off; its status is stored unless the input voltage drops. So if the PSE stays connected until
the auxiliary source is removed, the T2P indication turns on again when the wall adapter is
disconnected.
The removal of the external auxiliary source such as a wall adapter usually is followed by a
system reboot because the PSE needs some time to re-detect the PD.
If a rear auxiliary connection (using SA pin) is foreseen in the converter design, it is
suggested to move the 0.1 µF capacitor (required by the IEEEE802.3at standard) from the
input (VDD to VSS) to the internal hot-swap MOSFET (VSS to GND). Alternatively, split the
0.1 uF in two capacitors of 47 nF: one placed at the input terminal, the second one across
the hot-swap MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com