Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID018560 Rev 2
19/37
PM8801
PD interface
4
PD interface
4.1
Detection
In Power over Ethernet systems, the Power Sourcing Equipment (PSE) senses the Ethernet
connection to detect whether the Powered Device (PD) is plugged to the cable termination
by applying a small voltage (2.7 to 10 V) on the Ethernet cable and measuring the
equivalent resistance in at least two successive steps. During this phase, the PD must
present a resistance between 23.75 k
Ω and 26.25 kΩ.
The signature resistor must be connected between the DET and VDD pins. This resistor is
in-series to a pass transistor (see Figure 3 ) enabled only during the detection phase. No
current is flowing through the signature resistor for the rest of the operative phases
(classification and turn-on).
The value of the detection resistance has to be selected also taking into account the typical
drop in voltage of the diode bridges. The typical value that can be used in most cases is
24.9 k
Ω.
During detection, most of the circuits inside the PM8801 are disabled to minimize the offset
current.
4.2
Classification
The classification phase in a PoE network is the feature that allows PSE to plan and allocate
the available power to the appliances connected to various Ethernet ports.
PM8801 complies with both IEEE802.3at 1-event and 2-event classification schemes.1-
event classification in IEEE802.3at is the same as specified in the IEEE 802.3af standard,
which divides the power levels below 12.95 W into 5 classes (Class 0 to Class 4).
While Class 4 was reserved in IEEE802.3af, in IEEE802.3at Class 4 identifies Type2 PDs
requiring up to 25.5 W.
A Type2 PD is a PD that provides a Class 4 signature during Physical Layer classification,
understands 2-event classification and is capable of Data Link Layer classification.
Figure 8 represents the voltage at the input of the PD when connected to a PSE performing
2-event classification. A Type2 PD will present in both classification events a Class 4
current, while during the so called “mark-event”, between the 2 classification fingers, the PD
will present an invalid signature resistance.
To support the classification function, an equivalent programmable constant current
generator has been implemented. Figure 6 depicts the primary schematic of the
classification circuit. Following the successful completion of the detection phase, the voltage
of the CLS pin is set to the 1.4 V voltage reference and a pass transistor connects the VIN
pin to the CLS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com