Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID018560 Rev 2
27/37
PM8801
PD interface
In the meantime, if the auxiliary voltage fails, the internal regulator takes over without losing
DC/DC control.
The UVLO threshold on VC is 6.0 V typically. At this voltage the DC/DC controller operations
are stopped and the outputs frozen in low state.
While the external auxiliary voltage has to be chosen higher than 8.0 V to take advantage of
the auxiliary winding, it must also be lower than 16 V for all operating conditions, to avoid
the intervention of the internal protection clamp.
A capacitor in the range of 220 nF - 10 µF must be connected to DC/DC ground for stability.
For applications with high current drawn from VC, large capacitance should be used, (e.g.
10 µF) in order to avoid converter switch-off during the startup phase.
A VC UVLO mechanism monitors the level of voltage on the VC pin. When VC voltage
exceeds the VCUVLO_R, the PWM controller is enabled and it remains enabled until the VC
voltage drops below its VCUVLO_F value.
When an auxiliary winding is not used, the internal HV regulator UVLO threshold is set at
6.6 V and the current limit is set at 20 mA typ. This value includes the current internally
drawn to bias the DC/DC controller, the gate drivers, the VB bias regulator and the external
components that may be connected to the VC and VB pins.
Notice that using the HV regulator without the auxiliary winding increases the internal power
dissipation, and when operating at high ambient temperature may lead the device to go into
thermal shutdown.
4.10
5 V bias regulator
The PM8801 features an accurate 5 V output regulator, which can be used to bias the
DC/DC feedback network and the optocoupler connected to the microcontroller.
A capacitor in the range of 100 nF - 2.2 µF must be connected to ARTN for stability.
The regulator current is supplied from the VC pin, to take advantage of the more efficient
bias from the auxiliary winding. This means that the current drawn from the VB pin must be
taken into account to evaluate the maximum current drawn from the VC pin.
The current drawn from the VB pin must be limited to 10 mA maximum.
The VB regulator is also able to accept injected current up to 1 mA without losing voltage
regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com