Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DocID018560 Rev 2
23/37
PM8801
PD interface
Figure 9. Line transient response
Ch1: RTN - VSS, Ch2: VDD - VSS, Ch3: I input, Ch4: 5Vout (with offset)
4.6
Sleep mode / MPS mode
It is possible to put the PM8801 in sleep mode for applications connected to either a PoE
network or auxiliary sources. In both cases the DC/DC converter is turned off. The device
draws a minimum current and the LED is activated (see Section 4.7 for details).
The sleep mode is activated by pulling ENSL below its internal threshold. The ENSL pin is a
logic level active-low input. The ENSL pin may be connected to a system microcontroller
through an optocoupler.
When working from a PoE network or from a frontal auxiliary source, the internal hot-swap
MOSFET is opened and the DC/DC section shuts down. In this condition the PD
consumption is very low and for this reason it may be disconnected by the PSE.
To avoid this disconnection the PM8801 features a Maintain Power Signature (MPS) current
control. The device will keep on drawing a current whose profile is determined by sampling
the level of ENDC when entering sleep mode. The ENDC pin is designed to receive the
signal from a system microcontroller connected through an optocoupler.
According to the IEEE802.3at standard, continuous or pulsed MPS profiles are available.
Pulsed MPS is obtained by 100 ms pulses of 12 mA current, followed by 200 ms of MPS
dropout as shown in Figure 10. This profile is obtained with ENDC = low when entering
sleep mode.
Constant current MPS is a 12 mA constant current drawn during the entire duration of the
sleep mode. This profile is obtained with ENDC = high when entering sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com