Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 26Page - STMicroelectronics PM8801 Datasheet HTML 27Page - STMicroelectronics PM8801 Datasheet HTML 28Page - STMicroelectronics PM8801 Datasheet HTML 29Page - STMicroelectronics PM8801 Datasheet HTML 30Page - STMicroelectronics PM8801 Datasheet HTML 31Page - STMicroelectronics PM8801 Datasheet HTML 32Page - STMicroelectronics PM8801 Datasheet HTML 33Page - STMicroelectronics PM8801 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
PWM controller
PM8801
30/37
DocID018560 Rev 2
5.3
Soft-start
The DC/DC section of the PM8801 features an internal, digitally controlled, soft-start to
make sure that output voltage ramps up in a safe and controlled manner.
At the startup of the converter, the input voltage of the PWM comparator (CTL pin) is
clamped to a value which is increased cycle by cycle until it reaches the regulation voltage.
This results in a converter duty-cycle increasing from zero to the operative value in 4096
switching periods maximum.
Taking into account that the output voltage will start to increase only when the CTL pin is
higher than 1 V, effective duration of the output voltage soft-start ramp can be estimated with
the following formula:
5.4
PWM comparator / slope compensation
In typical isolated operations, current is sensed on a sense resistor RS put between the
source of the primary side MOS and the RTN pin.
The PWM comparator produces the PWM duty cycle by comparing the RS ramp signal on
CS with an error voltage derived from the error amplifier output.
The error amplifier output voltage at the CTL pin is attenuated by a 4:1 resistor divider
before it is presented to the PWM comparator input.
The PWM duty cycle increases with the voltage at the CTL pin. The controller output duty
cycle reduces to zero when the CTL pin voltage drops below approximately 1 V.
For duty cycles greater than 50%, current mode control loops are subject to sub-harmonic
oscillation. PM8801 fixes the maximum duty cycle at 80% and implements a slope
compensation technique consisting of adding an additional fixed slope voltage ramp to the
signal at the CS pin. This is achieved by injecting a 45 µA sawtooth current into the current
sense signal path on an integrated 2 k
Ω resistor.
Additional slope compensation may be added by increasing the source impedance of the
current sense signal with an external resistor between the CS pin and the source of the
current sense signal. The net effect in this case is to increase the slope of the voltage ramp
at the PWM comparator terminals.
5.5
Current limit
The current sensed through the CS pin is compared to two fixed levels of 0.5 V and 0.7 V.
The lower level is used to perform a cycle-by-cycle current limit, terminating the PWM pulse.
If the overload persists for a duration longer than 4096 switching periods, the PWM is shut
down for the same duration before beginning a new soft-start.
At 250 kHz the allowed overcurrent duration is about 16 ms.
T
SS ms
[]
4096
F
OSC kHz
[]
------------------------------
CTL V
[] 1V
–
4V
----------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com