Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics PM8801 Datasheet HTML 22Page - STMicroelectronics PM8801 Datasheet HTML 23Page - STMicroelectronics PM8801 Datasheet HTML 24Page - STMicroelectronics PM8801 Datasheet HTML 25Page - STMicroelectronics PM8801 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
PD interface
PM8801
22/37
DocID018560 Rev 2
4.4
Undervoltage lockout
After classification is completed, the PSE raises the voltage to provide the Powered Device
with the negotiated power. During the transition from low to operating voltage, the internal
UVLO is released and the hot-swap MOSFET is activated, initiating the inrush sequence.
PM8801 implements the UVLO mechanism by setting 2 internal thresholds on the voltage
across the VDD-VSS pins. One is to activate the hot-swap (VUVLO_R), while the other is to
switch off the hot-swap MOSFET upon detection of a supply voltage drop (VUVLO_F) from
normal operating conditions.
No additional external components are required to comply with the IEEE requirements. The
thermal protection alarm overrides the gate driving of the MOS, immediately switching off
the MOS itself in case of device overheating. The hot-swap is bypassed also in auxiliary
source topology, supplying directely the PWM section of the PM8801 and bypassing the hot-
swap MOSFET.
4.5
Inrush and DC current limiting
Once the detection and classification phases have been succesfully completed, the PSE
raises the voltage across the Ethernet cable. When the voltage difference between VIN and
VSS is greater than the VUVLO_R threshold, the internal hot-swap MOSFET is switched on
and the DC/DC input capacitance is charged in a controlled manner.
During the inrush phase the current is limited to 140 mA.
When the RTN voltage falls below 1.5 V, an internal signal (PGOOD in Figure 3 ) is asserted
to activate the DC/DC section.
This feature is active only when working from an input voltage with a "frontal" connection,
that must use the hot-swap MOSFET; this voltage could be from the PoE interface or from
an external auxiliary adapter connected before the internal hot-swap MOSFET. If the
auxiliary source is connected after the hot-swap MOSFET, it will be opened and this feature
is disabled, allowing the converter to work with a low-voltage auxiliary source. The PGOOD
comparator includes hysteresis to allow the PM8801 to operate near the current limit point
without inadvertently disabling it. The MOSFET voltage must increase to 12 V before
PGOOD is deasserted. This feature will also allow withstanding positive line transients of up
to 12 V without stopping DC/DC normal operations as shown in Figure 9. The line transient
is managed by the PWM section, adjusting its operating parameters accordingly without
shutting down the output voltage. The input current during the transient is controlled by the
hot-swap MOSFET at the DC current limit.
After PGOOD assertion, a comparator on the gate of the hot-swap MOSFET controls the
transition between the 140 mA to the 640mA DC current limit, with a 2 V threshold. The
comparator is needed to ensure that the charge of the DC/DC input capacitor is completed,
avoiding current spikes on the last portion of the charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com