Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics PM8801 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID018560 Rev 2
17/37
PM8801
Electrical specifications
Peak source current
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
800
mA
Peak sink current
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
1A
Thermal shutdown
Shutdown temp.
Always active;
Guaranteed by design
160
°C
Shutdown hyst.
30
°C
Sleep mode
ENSL threshold
ENSL falling
1.7
1.85
1.95
V
ENSL hysteresis
Guaranteed by design
0.1
V
ENDC threshold
ENDC falling
1.7
1.85
1.95
V
ENDC hysteresis
0.1
V
VC regulation
VC
Internal default
7.7
8.0
8.3
V
VC current limit
IB = 0; GAT1, GAT2 = open
14
20
mA
VCUVLO
Internal default
UVLO, release
VC rising
VC-0.3
V
Internal default;
UVLO, lockout
VC falling
5.7
6.0
6.3
V
VC regulator
dropout
IC = 10 mA; GAT1, GAT2 = open
2
V
VB regulation
VB
Internal default
4.85
5.0
5.15
V
VB current capability
IC = 0; GAT1, GAT2 = open
5
10
mA
VB sink current capability
1
mA
Auxiliary source detection
SA threshold
1.1
1.2
1.3
V
SA hysteresis
180
mV
Minimum VDD voltage for
aux. operations
13
15
V
T2P flag
T2P pull-up current
20
25
30
μA
T2P pull-down resistance
45
75
Ω
Table 6. Electrical characteristics - SMPS section (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com