Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8801 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM8801 Datasheet HTML 12Page - STMicroelectronics PM8801 Datasheet HTML 13Page - STMicroelectronics PM8801 Datasheet HTML 14Page - STMicroelectronics PM8801 Datasheet HTML 15Page - STMicroelectronics PM8801 Datasheet HTML 16Page - STMicroelectronics PM8801 Datasheet HTML 17Page - STMicroelectronics PM8801 Datasheet HTML 18Page - STMicroelectronics PM8801 Datasheet HTML 19Page - STMicroelectronics PM8801 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Electrical specifications
PM8801
16/37
DocID018560 Rev 2
Soft-start
TSS
Soft-start time
Over CTL full range (0 to 3V), at
Fosc = 250 kHz
12.3
ms
Current limit
Delay to output
Guaranteed by design
20
ns
Cycle-by-cycle current
limit threshold voltage
0.44
0.50
0.56
V
Leading edge blanking
time
45
60
75
ns
Slope compensation
current
Sourced by CS pin
45
µA
PWM comparator
Delay to output
Guaranteed by design
25
ns
Minimum duty cycle
CTL = 0, CS = 0
0
%
Maximum duty cycle
CTL = 2 V, CS = 0, Fosc = 250 kHz
75
80
85
%
CTL to PWM gain
Guaranteed by design
1: 4
CTL operative range
1
3
V
Output driver GAT1
Output high
IGD = 100 mA
VC-
0.25
VC-0.5
V
Output low
IGD = –100 mA
0.25
0.5
V
Fall time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
40
ns
Rise time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
45
ns
Peak source current
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
800
mA
Peak sink current
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
1A
Output driver GAT2
Output high
IGD = 100 mA
VC-
0.25
VC-0.5
V
Output low
IGD = –100 mA
0.25
0.5
V
Fall time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
40
ns
Rise time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
45
ns
Table 6. Electrical characteristics - SMPS section (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com