Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 15Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 16Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 17Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 18Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 19Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 20Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 21Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 22Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-2. C64x+ Cache Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0184 4030
L1DWIBAR
L1D writeback invalidate base address register
0x0184 4034
L1DWIWC
L1D writeback invalidate word count register
0x0184 4038
-
Reserved
0x0184 4040
L1DWBAR
L1D Block Writeback
0x0184 4044
L1DWWC
L1D Block Writeback
0x0184 4048
L1DIBAR
L1D invalidate base address register
0x0184 404C
L1DIWC
L1D invalidate word count register
0x0184 4050 - 0x0184 4FFF
-
Reserved
0x0184 5000
L2WB
L2 writeback all register
0x0184 5004
L2WBINV
L2 writeback invalidate all register
0x0184 5008
L2INV
L2 Global Invalidate without writeback
0x0184 500C - 0x0184 5027
-
Reserved
0x0184 5028
L1PINV
L1P Global Invalidate
0x0184 502C - 0x0184 5039
-
Reserved
0x0184 5040
L1DWB
L1D Global Writeback
0x0184 5044
L1DWBINV
L1D Global Writeback with Invalidate
0x0184 5048
L1DINV
L1D Global Invalidate without writeback
0x0184 8000 - 0x0184 8004
MAR0 - MAR1
Reserved 0x0000 0000 - 0x01FF FFFF
0x0184 8008 - 0x0184 8024
MAR2 - MAR9
Memory Attribute Registers for EMIFA 0x0200 0000 - 0x09FF FFFF
0x0184 8028 - 0x0184 802C
MAR10 - MAR11
Reserved 0x0A00 0000 - 0x0BFF FFFF
0x0184 8030 - 0x0184 803C
MAR12 - MAR15
Memory Attribute Registers for VLYNQ 0x0C00 0000 - 0x0FFF FFFF
0x0184 8040 - 0x0184 8104
MAR16 - MAR65
Reserved 0x1000 0000 - 0x41FF FFFF
Memory Attribute Registers for EMIFA/VLYNQ Shadow 0x4200 0000 -
0x0184 8108 - 0x0184 813C
MAR66 - MAR79
0x4FFF FFFF
0x0184 8140- 0x0184 81FC
MAR80 - MAR127
Reserved 0x5000 0000 - 0x7FFF FFFF
0x0184 8200 - 0x0184 823C
MAR128 - MAR143
Memory Attribute Registers for DDR2 0x8000 0000 - 0x8FFF FFFF
0x0184 8240 - 0x0184 83FC
MAR144 - MAR255
Reserved 0x9000 0000 - 0xFFFF FFFF
2.4.3
Peripherals
The DSP has controllability for the following peripherals:
•
VICP
•
EDMA3
•
ASP
•
2 Timers (Timer 0 and Timer1) that can each be configured as 1 64-bit or 2 32-bit timers
2.4.4
DSP Interrupt Controller
The DSP Interrupt Controller accepts device interrupts and appropriately maps them to the DSP’s
available interrupts. The DSP Interrupt Controller is briefly described in Section 6.7, Interrupts, of this
document. For more detailed on the DSP Interrupt Controller, see the TMS320C64x/C64x+ DSP CPU and
Instruction Set Reference Guide (literature number SPRU732).
2.5
Memory Map Summary
Table 2-3 shows the memory map address ranges of the device. Table 2-4 depicts the expanded map of
the Configuration Space (0x0180 0000 through 0x0FFF FFFF). The device has multiple on-chip memories
associated with its two processors and various subsystems. To help simplify software development a
unified memory map is used where possible to maintain a consistent view of device resources across all
bus masters.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com