Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 18Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 19Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 20Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 21Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 22Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 23Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 24Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 25Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-4. Configuration Memory Map Summary (continued)
START
END
SIZE
ARM/EDMA3
C64x+
ADDRESS
ADDRESS
(Bytes)
0x01C6 7800
0x01C6 7FFF
2K
HPI
HPI
0x01C6 8000
0x01C6 FFFF
32K
Reserved
0x01C7 0000
0x01C7 3FFF
16K
VPSS Registers
0x01C7 4000
0x01C7 FFFF
48K
Reserved
0x01C8 0000
0x01C8 0FFF
4K
EMAC Control Registers
0x01C8 1000
0x01C8 1FFF
4K
EMAC Control Module Registers
Reserved
0x01C8 2000
0x01C8 3FFF
8K
EMAC Control Module RAM
0x01C8 4000
0x01C8 47FF
2K
MDIO Control Registers
0x01C8 4800
0x01C8 4FFF
2K
Reserved
0x01C8 5000
0x01CB FFFF
236K
0x01CC 0000
0x01CD FFFF
128K
VICP
VICP
0x01CE 0000
0x01CF FFFF
128K
Reserved
0x01D0 0000
0x01DF FFFF
1M
Reserved
0x01E0 0000
0x01E0 0FFF
4K
EMIFA Control
0x01E0 1000
0x01E0 1FFF
4K
VLYNQ Control Registers
0x01E0 2000
0x01E0 3FFF
8K
ASP
ASP
0x01E0 4000
0x01E0 FFFF
48K
Reserved
0x01E1 0000
0x01E1 FFFF
64K
MMC/SD/SDIO
Reserved
0x01E2 0000
0x01E3 FFFF
128K
Reserved
0x01E4 0000
0x01FF FFFF
1792K
0x0200 0000
0x03FF FFFF
32M
EMIFA Data/Code (CS2)
EMIFA Data (CS2)
0x0400 0000
0x05FF FFFF
32M
EMIFA Data/Code (CS3)
EMIFA Data (CS3)
0x0600 0000
0x07FF FFFF
32M
EMIFA Data/Code (CS4)
EMIFA Data (CS4)
0x0800 0000
0x09FF FFFF
32M
EMIFA Data/Code (CS5)
EMIFA Data (CS5)
0x0A00 0000
0x0BFF FFFF
32M
Reserved
Reserved
0x0C00 0000
0x0FFF FFFF
64M
VLYNQ (Remote)
22
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com