Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 37Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 38Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 39Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 40Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 41Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 42Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 43Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 44Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-17. USB Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
Core Power supply LDO output for USB phy. This must be connected via a 1-mF
capacitor to VSS.
USB_VDDA1P2LDO
G18
S
(3)
When the USB peripheral is not used, the USB_VDDA1P2LDO signal should still be
connected via a 1-mF capacitor to VSS.
Core Ground for USB phy. This is the ground for the LDO and must be connected to
VSS.
USB_VSSA1P2LDO
G17
GND
(3)
When the USB peripheral is not used, the USB_VSSA1P2LDO signal should still be
connected to VSS.
Table 2-18. VLYNQ Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
VLYNQ
EM_CS5/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO8/
T1
I/O/Z
DVDD18
For VLYNQ, it is the clock (VLYNQ_CLOCK).
VLYNQ_CLOCK
EM_CS4/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO9/
T2
I/O/Z
DVDD18
For VLYNQ, it is the Serial Clock run request (VLYNQ_SCRUN).
VLYNQ_SCRUN
EM_A[15]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO16/
P3
I/O/Z
DVDD18
For VLYNQ, it is transmit bus bit 3 output VLYNQ_TXD3.
VLYNQ_TXD3
EM_A[17]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO14/
R2
I/O/Z
DVDD18
For VLYNQ, it is transmit bus bit 2 output VLYNQ_TXD2.
VLYNQ_TXD2
EM_A[19]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO12/
R4
I/O/Z
DVDD18
For VLYNQ, it is transmit bus bit 1 output VLYNQ_TXD1.
VLYNQ_TXD1
EM_A[21]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO10/
T3
I/O/Z
DVDD18
For VLYNQ, it is bit 0 of the transmit bus (VLYNQ_TXD0).
VLYNQ_TXD0
EM_A[14]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO17/
P4
I/O/Z
DVDD18
For VLYNQ, it is receive bus bit 3 input VLYNQ_RXD3.
VLYNQ_RXD3
EM_A[16]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO15/
R5
I/O/Z
DVDD18
For VLYNQ, it is receive bus bit 2 input VLYNQ_RXD2.
VLYNQ_RXD2
EM_A[18]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO13/
P5
I/O/Z
DVDD18
For VLYNQ, it is receive bus bit 1 input VLYNQ_RXD1.
VLYNQ_RXD1
EM_A[20]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO11/
R3
I/O/Z
DVDD18
For VLYNQ, it is receive bus bit 0 input VLYNQ_RXD0.
VLYNQ_RXD0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
41
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com