Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 81Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 84Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 85Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 86Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 87Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Case Temperature Range
(Unless Otherwise Noted)
(1)
Core (CVDD, VDDA1P1V, USB_VDDA1P2LDO
(2), CV
DDDSP)
(3)
-0.5 V to 1.5 V
I/O, 3.3V (DVDD33, USB_VDDA3P3)
(3)
-0.5 V to 4.2 V
Supply voltage ranges
I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL, PLLVDD18, VDDA1P8V,
-0.5 V to 2.5 V
USB_VDD1P8, MXVDD, M24VDD)
(3)
VI I/O, 3.3V
-0.5 V to 4.2 V
Input voltage ranges
VI I/O, 1.8V
-0.5 V to 2.5 V
VO I/O, 3.3V
-0.5 V to 4.2 V
Output voltage ranges
VO I/O, 1.8V
-0.5 V to 2.5 V
(default) [-594, -810 devices]
0°C to 85°C
Operating case temperature ranges, TC
(A version) [A-513 device]
-40°C to 105°C
Storage temperature range, Tstg
(default)
-55°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This pin is an internal LDO output and connected via 1 µF capacitor to USB_VSSA1P2LDO.
(3)
All voltage values are with respect to VSS.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Operating Conditions
85
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com