Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 3Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 4Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 5Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 6Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 7Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 8Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 9Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 10Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS283G device-specific
data manual to make it an SPRS283H revision.
Scope: Added information/data on silicon revision 2.3.
Applicable updates to the DM644x device family, specifically relating to the TMS320DM6446 device, have
been incorporated.
TMS320DM6446 Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
•
Added information/data on silicon revision 2.3
Section 2.1
Table 2-1, Characteristics of the Processor:
Device Characteristics
•
Updated/changed "C64x+ Megamodule Revision" for silicon revision 2.3
•
Updated/changed "JTAG BSDL_ID" for silicon revision 2.3
Section 2.8.3.1
•
Updated/changed list of reference documents
Related Documentation
From Texas
Instruments
Section 3.3.1.1
•
Updated/changed the address of the BOOTCFG register from "0x01C4 000A" to "0x01C4 0014"
BOOTCFG Register
[Update made in Revision G]
Description
Section 3.3.3
•
Added Section 3.3.3.1, Host-Boot Mode
DSP Boot
Section 3.5.1
Figure 3-6, MSTPRI1 Register:
Switched Central
•
Updated/changed the default value of bits 22:20 from "R-100" to "R/W-100"
Resource (SCR) Bus
Priorities
Section 3.5.4
Figure 3-7, PINMUX0 Register:
PINMUX0 Register
•
Updated/changed the default value of bits 4:0 from "R/W-LLLL" to "R/W-LLLLL"
Description
Section 6.3.1.3
Figure 6-6, PLL1 and PLL2 Clock Domain Block Diagram:
DM6446 Power and
•
PLL Controller 2: Updated/changed "PLLDIV1 (/1)" to "PLLDIV1 (/10)"
Clock Domains
Section 6.6.3
Table 6-19, Switching Characteristics Over Recommended Operating Conditions for CLK_OUT1:
Clock PLL Electrical
•
Parameter 1 [tc]: Added "ns" in the UNIT column
Data/Timing (Input and
Output Clocks)
Section 6.10.1.2
Table 6-35, Switching Characteristics Over Recommended Operating Conditions for Asynchronous
EMIFA Electrical
Memory Cycles for EMIFA Module:
Data/Timing
•
Parameter 24 [tw(EMWEL)]: Added "ns" in the UNIT column
Section 6.12.1
Table 6-43, MMC/SD/SDIO Register Descriptions:
MMC/SD/SDIO
•
Updated/changed 0x01E1 0064 from "SDIO" to "SDIOCTL (SDIO Control Register)"
Peripheral
•
Updated/changed 0x01E1 0068 from "SDIO" to "SDIOST0 (SDIO Status Register 0)"
Description(s)
•
Updated/changed 0x01E1 006C from "SDIO" to "SDIOIEN (SDIO Interrupt Enable Register)"
•
Updated/changed 0x01E1 0070 from "Reserved" to "SDIOIST (SDIO Interrupt Status Register)"
Copyright © 2005–2010, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com