Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 23Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 24Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 25Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 26Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 27Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 28Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 29Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 30Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
2.7
Terminal Functions
The terminal functions tables (Table 2-5 through Table 2-30) identify the external signal names, the
associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin
has any internal pullup or pulldown resistors, and a functional pin description. For more detailed
information on device configuration, peripheral selection, multiplexed/shared pins, see Section 3, Device
Configurations, of this data manual.
Table 2-5. BOOT Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
BOOT
These pins are multiplexed between ARM boot mode and
the VPBE. At reset, the boot mode inputs BTSEL0 and
BTSEL1 are sampled to determine the ARM boot
COUT0/
IPD
configuration. See below for the boot modes set by these
B3/
A16
I/O/Z
DVDD18
inputs. See Section 3.3, Bootmode, for more details.
BTSEL0
After reset, these are video encoder outputs COUT0 and
COUT1, or RGB666/888 Blue output data bits 3 and 4
B3/B4.
BTSEL1
BTSEL0
ARM Boot Mode
ARM ROM Boot (NAND, SPI)
0
0
COUT1/
[default]
IPD
B4/
B16
I/O/Z
DVDD18
0
1
ARM EMIFA Boot (NOR)
BTSEL1
1
0
ARM ROM Boot (HPI)
1
1
ARM ROM Boot (UART0)
This pin is multiplexed between EMIFA and the VPBE. At
reset, the input state is sampled to set the EMIFA data
COUT2/
bus width (EM_WIDTH). For an 8-bit-wide EMIFA data
IPD
B5/
A17
I/O/Z
bus, EM_WIDTH = 0. For a 16-bit-wide EMIFA data bus,
DVDD18
EM_WIDTH
EM_WIDTH = 1.
After reset, it is video encoder output COUT2 or
RGB666/888 Blue output data bit 5 B5.
This pin is multiplexed between DSP boot and the VPBE.
At reset, the input state is sampled to set the DSP boot
COUT3/
source DSP_BT. The DSP is booted by the ARM when
IPD
B6/
B17
I/O/Z
DSP_BT=0. The DSP boots from EMIFA when
DVDD18
DSP_BT
DSP_BT=1.
After reset, it is video encoder output COUT3 or
RGB666/888 Blue data bit 6 output B6.
YOUT0/
IPD
G5/
D15
I/O/Z
DVDD18
AEAW0
These pins are multiplexed between EMIFA and the
YOUT1/
VPBE. At reset, the input states of AEAW[4:0] are
IPD
G6/
D16
I/O/Z
sampled to set the EMIFA address bus width. See
DVDD18
AEAW1
Section 3.4.2, Peripheral Selection at Device Reset, for
details.
YOUT2/
After reset, these are video encoder outputs YOUT[0:4]
IPD
G7/
D17
I/O/Z
or RGB666/888 Red and Green data bit outputs G5, G6,
DVDD18
AEAW2
G7, R3, and R4.
YOUT3/
IPD
R3/
D18
I/O/Z
DVDD18
AEAW3
YOUT4/
IPD
R4/
E15
I/O/Z
DVDD18
AEAW4
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com