Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 77Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 78Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 79Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 80Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 81Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 82Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 83Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 84Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
As Table 3-32 shows, the UART0 pins are configurable for either UART0 transmit and receive data
functions or for GPIO.
Table 3-32. UART0 and GPIO Pin Multiplexing
PINMUX1 REGISTER BIT
MULTIPLEXED PINS
FIELD
UART_TXD0/
UART_RXD0/
UART0
GPIO[36]
GPIO[35]
0
GPIO[36]
GPIO[35]
1
UART_TXD0
UART_RXD0
3.5.6.10 HPI and EMIFA/ATA Pin Multiplexing
When the HPIEN bit is set, the HPI module is given control of most of the EMIFA/ATA control pins as well
as the EMIFA/ATA data bus. Table 3-33 shows which pins the HPI controls. HPIEN is set to 1 when the
state of the BTSEL[1:0] pins = 10 is latched at the rising edge of reset. Also, this bit can be manipulated
after reset by software. When the ATAEN bit is set and HPIEN is 0, the ATA mode of operation for pins
shared with the HPI is available. EMIFA mode functionality for the shared HPI pins is set when both
HPIEN and ATAEN are '0'.
Table 3-33. HPI and EMIFA/ATA Pin Multiplexing
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELDS
HR/W/
HRDY/
HDS1/
HDS2/
HCNTLB/
HINT/
HD[15:0]/
HPI
ATA
HCS/
HHWIL/
HCNTLA/
INTRQ/
EM_WAIT/
DIOR/
DIOW/
ATA2/
ATA0/
DD[15:0]/
EN
EN
EM_CS2
EM_A[1]
EM_A[2]
EM_R/W
IORDY
EM_OE
EM_WE
EM_A[0]
EM_BA[0]
EM_D[15:0]
0
0
EM_CS2
EM_A[1](1)
EM_R/W
EM_WAIT
EM_OE
EM_WE
EM_A[2](1)
EM_A[0](1)
EM_BA[0]
EM_D[15:0]
0
1
EM_CS2
EM_A[1](1)
INTRQ
IORDY
DIOR
DIOW
EM_A[2](1)
EM_A[0](1)
ATA0
DD[15:0]
1
-
HCS
HHWIL
HR/W
HRDY
HDS1
HDS2
HCNTLA
HCNTLB
HINT
HD[15:0]
(1)
This pin shares GPIO functionality and is set by AEAW[4:0] as shown in Table 3-12, Table 3-13, and Table 3-14.
3.6
Emulation Control
The flexibility of the DM644x architecture allows either the ARM or DSP to control the various peripherals
(setup registers, service interrupts, etc.). While this assignment is purely a matter of software convention,
during an emulation halt it is necessary for the device to know which peripherals are associated with the
halting processor so that only those modules receive the suspend signal. This allows peripherals
associated with the other (unhalted) processor to continue normal operation. The SUSPSRC register
indicates the emulation suspend source for those peripherals which support emulation suspend. The
SUSPSRC register format is shown in Figure 3-9. Brief details on the peripherals which correspond to the
register bits is given in Table 3-34. When the associated SUSPSRC bit is ‘0’, the peripheral’s emulation
suspend signal is controlled by the ARM emulator and when set to ‘1’ it is controlled by the DSP emulator.
Figure 3-9. Emulation Suspend Source Register (SUSPSRC)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
VICP
VICP
TIMR2 TIMR1 TIMR0
GPIO
PWM2 PWM1 PWM0
SPI
UART2
UART1
UART0
I2C
ASP
Rsvd
SRC
EN
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
15
13
12
11
10
9
8
6
5
4
0
HPI
USB
EMAC
Rsvd
Rsvd
Rsvd
Reserved
SRC
SRC
SRC
R-000
R/W-0
R-00
R/W-0
R-000
R/W-0
R-0 0000
LEGEND: R = Read, W = Write, n = value at reset
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
81
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com