Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 65Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 66Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 67Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 68Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
3.3.3
DSP Boot
For C64x+ booting, the state of the DSP_BT pin is sampled at reset. If DSP_BT is low, the ARM will be
the master of C64x+ and control booting (Host Boot mode). If DSP_BT is high, the C64x+ will boot itself
coming out of device reset (Self-Boot mode). Table 3-7 shows a summary of the DSP boot modes.
Table 3-7. DSP Boot Modes
DSP_BT
DSP
ARM
DSPBOOTADDR
BRIEF DESCRIPTION
BOOT MODE
BOOT MODE
REGISTER VALUE
0
Host Boot
Internal Boot
Programmable
ARM sets an internal DSP memory location in DSPBOOTADDR
register where valid DSP code resides and loads code to this
internal DSP memory through DMA prior to releasing DSP reset.
0
Host Boot
External Boot
Programmable
ARM sets an external DSP memory location in DSPBOOTADDR
register (EMIFA or DDR2) where valid DSP code resides prior to
releasing DSP reset.
1
Self Boot
Any, except HPI
0x4220 0000
Default EMIFA Base Address
1
Host Boot
HPI
Programmable
ARM sets a DSP memory location in the DSPBOOTADDR
register. HPI loads code into the DM6446 memory map with the
entry point set to the memory location specified in the
DSPBOOTADDR register. Once the HPI completes loading the
code, the ARM should release the DSP from reset.
3.3.3.1
Host-Boot Mode
In host boot mode, the ARM is the master and controls the reset and boot of the C64x+. The C64x+ DSP
remains powered-off after device reset. The ARM is responsible for enabling power to the C64x+ and
releasing it from reset (PSC MMR bits: MDCTL[39].LRST and MRSTOUT1.MRSTz[39]). Prior to releasing
the C64x+ reset, the ARM must program the address from which the C64x+ will begin execution in the
DSPBOOTADDR register.
3.3.3.2
Self-Boot Mode
In self-boot mode, the C64x+ power domain is turned on and the C64x+ DSP is released from reset
without ARM intervention. The C64x+ begins execution from the default EMIFA address (0x4220 0000)
contained within the DSPBOOTADDR register. The C64x+ begins execution with instruction (L1P) cache
enabled.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Configurations
65
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com