Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 88Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 89Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 94Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 95Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-3. DM6446 Power and Clock Domains
POWER DOMAIN
CLOCK DOMAIN
PERIPHERAL/MODULE
Always On
CLKIN
UART0
Always On
CLKIN
UART1
Always On
CLKIN
UART2
Always On
CLKIN
I2C
Always On
CLKIN
Timer0
Always On
CLKIN
Timer1
Always On
CLKIN
Timer2
Always On
CLKIN
PWM0
Always On
CLKIN
PWM1
Always On
CLKIN
PWM2
Always On
CLKDIV2
ARM Subsystem
Always On
CLKDIV3
DDR2
Always On
CLKDIV3
VPSS
Always On
CLKDIV3
EDMA3
Always On
CLKDIV3
SCR
Always On
CLKDIV6
GPSC
Always On
CLKDIV6
LPSCs
Always On
CLKDIV6
Ice Pick
Always On
CLKDIV6
EMIFA
Always On
CLKDIV6
USB
Always On
CLKDIV6
HPI
Always On
CLKDIV6
VLYNQ
Always On
CLKDIV6
EMAC
Always On
CLKDIV6
ATA/CF
Always On
CLKDIV6
MMC/SD/SDIO
Always On
CLKDIV6
SPI
Always On
CLKDIV6
ASP
Always On
CLKDIV6
GPIO
DSP
CLKDIV1
C64x+ CPU
Table 6-4. DM6446 Clock Domains(1)
CLOCK MODES (FREQUENCY)
FIXED
SUBSYSTEM
RATIO
PLL ENABLED
PLL ENABLED
PLL ENABLED
PLL BYPASS
vs. PLL1
( A-513)
( -594)
(-810)
PLL1
–
27 MHz
513 MHz
594 MHz
810 MHz
DSP
1:1
27 MHz
513 MHz
594 MHz
810 MHz
ARM
1:2
13.5 MHz
256.5 MHz
297 MHz
405 MHz
EDMA3/VPSS
1:3
9 MHz
171 MHz
198 MHz
270 MHz
Peripherals
1:6
4.5 MHz
85.5 MHz
99 MHz
135 MHz
(1)
These table values assume a MXI/CLKIN of 27 MHz and a PLL1 multiplier equal to 22 for both A-513 and -594 devices. For -810
device, these table values assume a MXI/CLKIN of 27 MHz and a PLL1 multiplier equal to 30.
92
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com