Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 36Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 37Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 38Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 39Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 40Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 41Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 42Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 43Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-17. USB Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
USB 2.0
Crystal input for M24 oscillator (24 MHz for USB).
If a crystal input is not used, but instead a physical clock-in source is supplied, this
M24XI
F18
I
DVDD18
is the external oscillator clock input.
When the USB peripheral is not used, M24XI should be left as a No Connect.
Crystal output for M24 oscillator.
If a crystal input is not used, but instead a physical clock-in source is supplied,
M24XO
F19
O
DVDD18
M24XO should be left as a No Connect.
When the USB peripheral is not used, M24XO should be left as a No Connect.
1.8-V power supply for M24 oscillator.
If a crystal input is not used, but instead a physical clock-in source is supplied,
M24VDD
F16
S
(3)
M24VDD should still be connected to the 1.8-V power supply.
When the USB peripheral is not used, M24VDD should be connected to the 1.8-V
power supply.
Ground for M24 oscillator.
If a crystal input is not used, but instead a physical clock-in source is supplied,
M24VSS
F17
GND
(3)
M24VSS should still be connected to ground.
When the USB peripheral is not used, M24VSS should be connected to ground.
5-V input that signifies that VBUS is connected.
USB_VBUS
J17
A I/O
(3)
When the USB peripheral is not used, the USB_VBUS signal should be either
pulled down or pulled up via a 10-k
Ω resistor.
USB operating mode identification pin. For Host mode operation, pull down this pin
to ground (VSS) via an external 1.5-kΩ resistor. For Device mode operation, pull up
this pin to DVDD33 rail via an external 1.5-kΩ resistor.
USB_ID
J16
A I/O
When the USB peripheral is not used, the USB_ID signal should be either pulled
down or pulled up via a 10-k
Ω resistor.
USB_DP
G19
A I/O
USB bi-directional Data Differential signal pair [positive/negative].
When the USB peripheral is not used, the USB_DP signal should be pulled high
USB_DM
H19
A I/O
and the USB_DM signal should be pulled down via a 10-k
Ω resistor.
Reference current output. This must be connected via a 10-k
Ω ±1% resistor to
USB_VSSREF.
USB_R1
H18
A I/O
(3)
When the USB peripheral is not used, the USB_R1 signal should be connected via
a 10-k
Ω resistor to USB_VSSREF.
Ground for reference current. This must be connected via a 10-k
Ω ±1% resistor to
USB_R1.
USB_VSSREF
G16
GND
(3)
When the USB peripheral is not used, the USB_VSSREF signal should be connected
to VSS.
Analog 3.3 V power supply for USB phy.
USB_VDDA3P3
J19
S
(3)
When the USB peripheral is not used, the USB_VDDA3P3 signal should be
connected to DVDD33.
Analog ground for USB phy. When the USB peripheral is not used, the
USB_VSSA3P3
J18
GND
(3)
USB_VSSA3P3 signal should be connected to VSS.
1.8-V I/O power supply for USB phy.
USB_VDD1P8
H17
S
(3)
When the USB peripheral is not used, the USB_VDD1P8 signal should be connected
to DVDD18.
I/O Ground for USB phy.
USB_VSS1P8
H16
GND
(3)
When the USB peripheral is not used, the USB_VSS1P8 signal should be connected
to VSS.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see Section 5.2, Recommended Operating Conditions.
40
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com