Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 68Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 69Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 70Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 71Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 72Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 73Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 74Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 75Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 3-13. DM6446 Multiplexed Peripheral Pins and Multiplexing Controls (continued)
PRIMARY
SECONDARY
TERTIARY
MULTIPLEXED
SECONDARY(1)
TERTIARY(2)
(DEFAULT)
REGISTER/PIN(3)
REGISTER/PIN(3)
PERIPHERALS
FUNCTION
FUNCTION
FUNCTION
CONTROL
CONTROL
VPBE RGB888,
GPIO:
VPBE:
PinMux0:RGB888
GPIO
GPIO[5:6, 38]
RGB888 G1, B1,
R1
EMIFA, VLYNQ,
GPIO:GPIO[8]
EMIFA:
VLYNQ:
PinMux0:AECS5
PinMux0:VLYNQEN
GPIO
EM_CS5
VLYNQ_CLOCK
EMIFA, VLYNQ,
GPIO:GPIO[9]
EMIFA:
VLYNQ:
PinMux0:AECS4
PinMux0:VLSCREN
GPIO
EM_CS4
VLYNQ_SCRUN
EMIFA, VLYNQ,
GPIO:
EMIFA:
VLYNQ:
PinMux0:AEAW,
PinMux0:VLYNQEN,
GPIO
GPIO[10:17]
EM_A[21:14]
VLYNQ_TXD[0:3],
Pins:DAEAW[4:0]
PinMux0:VLYNQWD[1:0]
VLYNQ_RXD[0:3]
EMIFA, GPIO
GPIO:
EMIFA:
PinMux0:AEAW,
GPIO[18:28]
EM_A[13:3]
Pins:DAEAW[4:0]
ASP, GPIO
GPIO:
ASP:
PinMux1:ASP
GPIO[29:34]
(all pins)(4)
UART0, GPIO
GPIO:
UART0:
PinMux1:UART0
GPIO[35:36]
RXD, TXD
SPI, GPIO
GPIO:
SPI:
PinMux1:SPI
GPIO[37, 39:41]
SPI_EN0,
SPI_CLK,
SPI_DI, SPI_DO
SPI, ATA, GPIO
GPIO:GPIO[42]
SPI: SPI_EN1
ATA: HDDIR
PinMux1:SPI
PinMux0:HDIREN
I2C, GPIO
GPIO:
I2C: SCL, SDA
PinMux1:I2C
GPIO[43:44]
PWM0, GPIO
GPIO:GPIO[45]
PWM0
PinMux1:PWM0
PWM1, VPBE
GPIO:GPIO[46]
VPBE:
PWM1:
PinMux0:RGB666/
PinMux1:PWM1
(RGB666/RGB888),
RGB666/RGB888 PWM1
PinMux0:RGB888
GPIO
R2
PWM2, VPBE
GPIO:GPIO[47]
VPBE:
PWM2:
PinMux0:RGB666/
PinMux1:PWM2
(RGB666/RGB888),
RGB666/RGB888 PWM2
PinMux0:RGB888
GPIO
B2
ClockOut0, GPIO
GPIO:GPIO[48]
CLK_OUT0
PinMux1:CLK0
ClockOut1, TIMER0, GPIO:GPIO[49]
CLK_OUT1
TIMER0:
PinMux1:CLK1
PinMux1:TIM_IN
GPIO
TIM_IN
ATA, GPIO
GPIO:
ATA:
PinMux0:ATAEN
GPIO[50:51]
ATA_CS0,
ATA_CS1
EMIFA, GPIO, ATA
GPIO:GPIO[52]
EMIFA:
ATA (CF):
PinMux0:AEAW[4:0],
PinMux0:ATAEN
(CF)
EM_BA[1]
DA1
Pins:DAEAW[4:0]
EMIFA, HPI, ATA
GPIO:GPIO[53]
EMIFA:
ATA (CF): DA2/
PinMux0:AEAW[4:0],
PinMux0:ATAEN,
(CF), GPIO
EM_A[0]
HPI: HCNTL1
Pins:DAEAW[4:0]
PinMux0:HPIEN,
Pins:BTSEL[1:0] = 10
EMAC, GPIO3V
GPIO:
EMAC:
PinMux0:EMACEN
GPIO3V[0:13]
(all pins, except
CRS)(5)
EMAC, MDIO,
GPIO:
EMAC:
PinMux0:EMACEN
GPIO3V
GPIO3V[14:16]
CRS,
MDIO:
MDIO, MDCLK
UART1, ATA (CF)
N/A
ATA (CF):
UART1: TXD, RXD
PinMux0:ATAEN
PinMux1:UART1
DMACK, DMARQ
UART2, VPFE
VPFE:
UART2:
PinMux1:UART2
CI[7:6]/
UART_RXD2,
CCD_DATA[15:14] UART_TXD2
(4)
See Section 2.7, Terminal Functions, for pin details.
(5)
See Section 2.7, Terminal Functions, for pin details.
72
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com