Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 53Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 54Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 55Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 56Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 57Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 58Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 59Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 227 page
background image
DM644x DMSoC:
DM6443
DM6446
PREFIX
DEVICE SPEED RANGE
TMS
320
DM6446
ZWT
( )
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320
™DSP family
PACKAGE TYPE(A)
ZWT = 361-pin plastic BGA, with Pb-free soldered balls
DEVICE(B)
TEMPERATURE RANGE (DEFAULT: 0 C TO 85 C)
°
°
( )
Blank = 0 C to 85 C, commercial temperature
°
°
A = -40 C to 105 C, extended temperature
°
°
Blank = 594-MHz DSP, 297-MHZ ARM9, commercial temperature
Blank = 513-MHz DSP, 256.5-MHZ ARM9, extended temperature
A. BGA = Ball Grid Array
B. For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
( )
SILICON REVISION
Blank = Silicon 1.3
A = Silicon 2.1
8 = 810-MHz DSP, 405-MHZ ARM9, commercial temperature
B = Silicon 2.3
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default
[594-MHz DSP, 297-MHz ARM9]).
Figure 2-6 provides a legend for reading the complete device name for any TMS320DM644x SoC platform
member.
Figure 2-6. Device Nomenclature
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
57
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com