Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 70Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 71Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 72Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 73Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 74Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 75Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 76Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 77Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 3-14. PINMUX0 Register Description (continued)
Name
Description
AECS4
Enable EMIFA EM_CS4 function on GPIO[9]
AEAW
EMIFA address width selection. Default value is latched at reset from AEAW[4:0]
configuration input pins. This enables EMIF address function on default GPIO[10:28]
pins.
3.5.5
PINMUX1 Register Description
The PINMUX1 pin multiplexing register controls which peripheral is given ownership over shared pins
among Timer, PLL, ASP, SPI, I2C, PWM, and UART peripherals. The register format is shown in
Figure 3-8 and bit field descriptions are given in Table 3-15. More details on the PINMUX1 pin muxing
fields are given in Section 3.5.6, Pin Multiplexing Register Field Details. A value of "1" enables the
secondary or tertiary pin function.
Figure 3-8. PINMUX1 Register(1)
31
19
18
17
16
Reserved
TIMIN
CLK1
CLK0
R-0000 0000 0000 0
R/W-0
R/W-0
R/W-0
15
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
ASP
Rsvd
SPI
I2C
PWM2 PWM1 PWM0
U2FLO
UART2
UART1
UART0
R-0000 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
(1)
For proper DM6446 device operation, always write a value of '0' to RSV bit 9.
Table 3-15. PINMUX1 Register Description
Name
Description
TIMIN
Enable TIM_IN function on default GPIO[49] pin
CLK1
Enable CLK_OUT1 function on default GPIO[49] pin
CLK0
Enable CLK_OUT0 function on default GPIO[48] pin
ASP
Enable ASP function on default GPIO[29:34] pins
SPI
Enable SPI function on default GPIO[37,39:42] pins
I2C
Enable I2C function on default GPIO[43:44] pins
PWM2
Enable PWM2 function on default GPIO[47] pin
PWM1
Enable PWM1 function on default GPIO[46] pin
PWM0
Enable PWM0 function on default GPIO[45] pin
U2FLO
Enable UART2 flow control function on default VPFE
CI[5:4]/CCD_DATA[13:12] pins
UART2
Enable UART2 function on default VPFE CI[7:6]/CCD_DATA[15:14]
pins
UART1
Enable UART1 function on shared ATA (CF) DMACK, DMARQ pins
UART0
Enable UART0 function on default GPIO[35:36] pins
74
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com