Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 41Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 42Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 43Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 44Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 45Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 46Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 47Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 48Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-20. VPBE Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
(3)
NAME
NO.
GPIO3/
This pin is multiplexed between GPIO, and the VPBE.
B0/
C14
I/O/Z
DVDD18
In VPBE mode, it is RGB888 Blue data bit 0 output B0 or LCD interlaced
LCD_FIELD
bidirectional LCD_FIELD.
GPIO4/
This pin is multiplexed between GPIO, the VPFE, and the VPBE.
R0/
B14
I/O/Z
DVDD18
In VPBE mode, it is RGB888 Red data bit 0 output R0.
C_FIELD
GPIO5/
This pin is multiplexed between GPIO and the VPBE.
E14
I/O/Z
DVDD18
G1
In VPBE mode, it is RGB888 Green data bit 1 output G1.
GPIO6/
This pin is multiplexed between GPIO and the VPBE.
A14
I/O/Z
DVDD18
B1
In VPBE mode, it is RGB888 Blue data bit 1 output B1.
GPIO38/
This pin is multiplexed between VPBE and GPIO.
D14
I/O/Z
DVDD18
R1
In VPBE mode, it is RGB888 Red output data bit 1.
PWM1/
This pin is multiplexed between PWM1, VPBE, and GPIO.
R2/
B15
I/O/Z
DVDD18
In VPBE mode, it is RGB888 Red output bit 2 (R2).
GPIO46
PWM2/
This pin is multiplexed between PWM2, VPBE, and GPIO.
B2/
A15
I/O/Z
DVDD18
In VPBE mode, it is RGB888 Blue output bit 2 (B2).
GPIO47
Table 2-21. DAC [Part of VPBE] Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DAC[A:D]
Reference voltage input (0.5 V). When the DAC is not used, the DAC_VREF signal
DAC_VREF
R17
A I
(3)
should be connected to VSS.
Output of DAC A. When the DAC is not used, the DAC_IOUT_A signal should be
DAC_IOUT_A
P19
A O
left as a No Connect.
Output of DAC B. When the DAC is not used, the DAC_IOUT_B signal should be
DAC_IOUT_B
P18
A O
left as a No Connect.
Output of DAC C. When the DAC is not used, the DAC_IOUT_C signal should be
DAC_IOUT_C
R19
A O
left as a No Connect.
Output of DAC D. When the DAC is not used, the DAC_IOUT_D signal should be
DAC_IOUT_D
T19
A O
left as a No Connect.
1.8-V analog I/O power. When the DAC is not used, the VDDA_1P8V signal should be
VDDA_1P8V
R18
S
(3)
connected to VSS.
Analog I/O ground. When the DAC is not used, the VSSA_1P8V signal should be
VSSA_1P8V
P17
GND
(3)
connected to VSS.
1.20-V analog core supply voltage (A-513, -594, -810 devices). When the DAC is
VDDA_1P1V
P16
S
(3)
not used, the VDDA_1P1V signal should be connected to VSS.
Analog core ground. When the DAC is not used, the VSSA_1P1V signal should be
VSSA_1P1V
T18
GND
(3)
connected to VSS.
External resistor connection for current bias configuration. This pin must be
DAC_RBIAS
R16
A I
(3)
connected via a 4-k
Ω resistor to VSSA_1P8V. When the DAC is not used, the
DAC_RBIAS signal should be connected to VSS.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
(3)
For more information, see Section 5.2, Recommended Operating Conditions.
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
45
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com