Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 90Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 91Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 92Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 93Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 94Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 95Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 96Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 97Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 227 page
background image
PLLDIV1
PLLDIV2
1
0
Post−Div
(/1)
PLLM
PLL
0
1
BPDIV
CLKMODE
CLKIN
OSCIN
PLLEN
PLL2_SYSCLK1
(VPSS−VPBE)
PLL2_SYSCLK2
(DDR2 PHY)
PLL2_SYSCLKBP
(DDR2 VTP)
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Figure 6-8. PLL2 Structure Block Diagram
6.3.1.4
Power and Sleep Controller (PSC) Module
The Power and Sleep Controller (PSC) controls DM6446 device power by turning off unused power
domains or gating off clocks to individual peripherals/modules. The PSC consists of a Global PSC (GPSC)
and a set of Local PSCs (LPSCs). The GPSC contains memory mapped registers, power domain control,
PSC interrupt control, and a state machine for each peripheral/module. An LPSC is associated with each
peripheral/module and provides clock and reset control. The GPSC controls all of DM6446’s LPSCs. The
ARM subsystem does not have an LPSC module. ARM sleep mode is accomplished through the wait for
interrupt instruction. The LPSCs for DM6446 are shown in Table 6-5. The PSC register memory map is
given in Table 6-6. For more details on the PSC, see the TMS320DM644x DMSoC ARM Subsystem
Reference Guide (literature number SPRUE14).
Table 6-5. DM6446 LPSC Assignments
LPSC
PERIPHERAL/MODULE
LPSC
PERIPHERAL/MODULE
LPSC
PERIPHERAL/MODULE
NUMBER
NUMBER
NUMBER
0
VPSS DMA
14
EMIFA
28
TIMER1
1
VPSS MMR
15
MMC/SD/SDIO
29
Reserved
2
EDMA3CC
16
Reserved
30
Reserved
3
EDMA3TC0
17
ASP
31
Reserved
4
EDMA3TC1
18
I2C
32
Reserved
5
EMAC
19
UART0
33
Reserved
6
EMAC Memory Controller
20
UART1
34
Reserved
7
MDIO
21
UART2
35
Reserved
8
Reserved
22
SPI
36
Reserved
9
USB
23
PWM0
37
Reserved
10
ATA/CF
24
PWM1
38
Reserved
11
VLYNQ
25
PWM2
39
C64x+ CPU
12
HPI
26
GPIO
40
VICP
13
DDR2 Memory Controller
27
TIMER0
94
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com