Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 26Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 27Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 28Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 29Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 30Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 31Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 32Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 33Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-9. EMIFA Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_CS4/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO9/
T2
I/O/Z
DVDD18
For EMIFA, it is Chip Select 4 output EM_CS4 for use with asynchronous memories
VLYNQ_SCRUN
(i.e., NOR flash) or NAND flash.
EM_CS5/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO8/
T1
I/O/Z
DVDD18
For EMIFA, it is Chip Select 5 output EM_CS5 for use with asynchronous memories
VLYNQ_CLOCK
(i.e., NOR flash) or NAND flash.
EM_R/W/
This pin is multiplexed between EMIFA, ATA/CF, and HPI.
INTRQ/
G3
I/O/Z
DVDD18
For EMIFA, it is read/write output EM_R/W.
HR/W
EM_WAIT/
(RDY/BSY)/
IPU
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
F1
I/O/Z
IORDY/
DVDD18
For EMIFA, it is wait state extension input EM_WAIT.
HRDY
EM_OE/
(RE)/
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IORD)/
H4
I/O/Z
DVDD18
For EMIFA, it is output enable output EM_OE.
DIOR/
HDS1
EM_WE
(WE)
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
(IOWR)/
G2
I/O/Z
DVDD18
For NAND/SmartMedia/xD or EMIFA, it is write enable output EM_WE.
DIOW/
HDS2
This pin is multiplexed between EMIFA, ATA/CF, and HPI.
For EMIFA, this is the Bank Address 0 output (EM_BA[0]).
EM_BA[0]/
IPD
When connected to an 8-bit asynchronous memory, this pin is the lowest order bit of
DA0/
J3
I/O/Z
DVDD18
the byte address.
HINT
When connected to a 16-bit asynchronous memory, this pin has the same function
as EMIF address pin 22 (EM_A[22]).
This pin is multiplexed between EMIFA, ATA/CF, and GPIO.
For EMIFA, this is the Bank Address 1 output EM_BA[1].
EM_BA[1]/
When connected to a 16 bit asynchronous memory this pin is the lowest order bit of
DA1/
H2
I/O/Z
DVDD18
the 16-bit word address.
GPIO52
When connected to an 8-bit asynchronous memory, this pin is the 2nd bit of the
address.
EM_A[21]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO10/
T3
I/O/Z
DVDD18
For EMIFA, it is address bit 21 output EM_A[21].
VLYNQ_TXD0
EM_A[20]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO11/
R3
I/O/Z
DVDD18
For EMIFA, it is address bit 20 output EM_A[20].
VLYNQ_RXD0
EM_A[19]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO12/
R4
I/O/Z
DVDD18
For EMIFA, it is address bit 19 output EM_A[19].
VLYNQ_TXD1
EM_A[18]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO13/
P5
I/O/Z
DVDD18
For EMIFA, it is address bit 18 output EM_A[18].
VLYNQ_RXD1
EM_A[17]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO14/
R2
I/O/Z
DVDD18
For EMIFA, it is address bit 17 output EM_A[17].
VLYNQ_TXD2
EM_A[16]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO15/
R5
I/O/Z
DVDD18
For EMIFA, it is address bit 16 output EM_A[16].
VLYNQ_RXD2
EM_A[15]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO16/
P3
I/O/Z
DVDD18
For EMIFA, it is address bit 15 output EM_A[15].
VLYNQ_TXD3
EM_A[14]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO17/
P4
I/O/Z
DVDD18
For EMIFA, it is address bit 14 output EM_A[14].
VLYNQ_RXD3
30
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com