Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 60Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 61Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 62Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 63Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 64Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 65Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 66Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 67Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
3.3.1.2
DSPBOOTADDR Register Description
The DSPBOOTADDR register contains the upper 22 bits of the C64x+ DSP reset vector. The register
format is shown in Figure 3-4 and bit field descriptions are shown in Table 3-5. DSPBOOTADDR is
readable and writable by software after reset.
Figure 3-4. DSPBOOTADDR Register
31
10
9
0
BOOTADDR[21:0]
RESERVED
R- 0100 0010 0010 0000 0000 00
R-00 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-5. DSPBOOTADDR Register Description
NAME
DESCRIPTION
BOOTADDR[21:0]
Upper 22 bits of the C64x+ DSP boot address.
3.3.2
ARM Boot
The DM6446 ARM can boot from EMIFA, internal ROM (NAND, SPI), UART0, or HPI, as determined by
the setting of the BTSEL[1:0] pins. The BTSEL[1:0] pins are read by the ARM ROM Boot Loader (RBL) to
further define the ROM boot mode. The ARM boot modes are summarized in Table 3-6.
Table 3-6. ARM Boot Modes
BTSEL1
BTSEL0
BOOT MODE
ARM RESET
BRIEF DESCRIPTION
VECTOR
0
0
ARM NAND, SPI RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through NAND with up
to 2 K-bytes page sizes.
0
1
ARM EMIFA External Boot
0x0200 0000
EMIFA EM_CS2 external memory space.
1
0
ARM HPI RBL
0x0000 4000
Up to 14 K-btyes secondary boot loader through an external
host.
1
1
ARM UART RBL
0x0000 4000
Up to 14 K-bytes secondary boot loader through UART0.
When the BTSEL[1:0] pins are set to the ARM EMIFA External Boot ("01"), the ARM immediately begins
executing code from the EMIFA EM_CS2 memory space (0x0200 0000). When the BTSEL[1:0] pins
indicate a condition other than the ARM EMIFA External Boot (!01), the RBL begins execution.
ARM NAND/SPI Boot mode has the following features:
•
Loads a secondary User Boot Loader (UBL) from NAND/SPI flash to ARM Internal RAM (AIM) and
transfers control to the user software.
•
Support for NAND with page sizes up to 8192 bytes.
•
Support for error correction when loading UBL
•
Support for up to 14KB UBL
•
Optional, user selectable, support for use of DMA, I-cache, and PLL enable while loading UBL
ARM UART Boot mode has the following features:
•
Loads a secondary UBL via UART0 to AIM and transfers control to the user software.
•
Support for up to 14KB UBL
ARM HPI Boot Mode has the following features:
•
No support for a full firmware boot. Instead, waits for external host to load a secondary UBL via HPI to
AIM and transfers control to the user software.
•
Support for up to 14KB UBL.
For further details on the ROM Bootloader, see the TMS320DM644x DMSoC ARM Subsystem Reference
Guide (literature number SPRUE14).
64
Device Configurations
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com