Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 196 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 192Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 193Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 194Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 195Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 196Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 197Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 198Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 199Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 227 page
background image
SPI_CLK
(Clock Polarity = 0)
SPI_CLK
(Clock Polarity = 1)
SPI_DI
(Input)
SPI_DO
(Output)
4
MSB IN
DATA
LSB IN
LSB OUT
MSB OUT
DATA
9
10
8
6
5
7
SPI_EN
11
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.17.2.1 SPI Master Mode Timings (Clock Phase = 0)
Table 6-80. Timing Requirements for SPI Master Mode [Clock Phase = 0] (1)(see Figure 6-63)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
Setup time, SPI_DI (input) valid before SPI_CLK (output)
4
tsu(DIV-CLKL)
Clock Polarity = 0
0.5P + 9.4
ns
falling edge
Setup time, SPI_DI (in put) valid before SPI_CLK (output)
5
tsu(DIV-CLKH)
Clock Polarity = 1
0.5P + 9.4
ns
rising edge
Hold time, SPI_DI (input) valid after SPI_CLK (output)
6
th(CLKL-DIV)
Clock Polarity = 0
0.5P - 4.5
ns
falling edge
Hold time, SPI_DI (input) valid after SPI_CLK (output)
7
th(CLKH-DIV)
Clock Polarity = 1
0.5P - 4.5
ns
rising edge
(1)
P = Period of the SPI module clock in nanoseconds (SYSCLK5).
Table 6-81. Switching Characteristics Over Recommended Operating Conditions for SPI Master Mode
[Clock Phase = 0] (see Figure 6-63)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
Delay time, SPI_CLK (output) rising edge to SPI_DO
8
td(CLKH-DOV)
Clock Polarity = 0
-4
5
ns
(output) transition
Delay time, SPI_CLK (output) falling edge to SPI_DO
9
td(CLKL-DOV)
Clock Polarity = 1
-4
5
ns
(output) transition
Delay time, SPI_EN[1:0] (output) falling edge to first SPI_CLK (output) rising or
10
td(ENL-CLKH/L)
2P - 2.3
ns
falling edge(1) (2)
Delay time, SPI_CLK (output) rising or falling edge to SPI_EN[1:0] (output)
11
td(CLKH/L-ENH)
1P + 0.5C - 0.2
ns
rising edge(1) (2) (3)
(1)
P = Period of the SPI module clock in nanoseconds (SYSCLK5).
(2)
This delay can be increased under software control by the C2TDELAY register bit field in the SPIDELAY register.
(3)
C = Period of SPI_CLK signal in ns.
Figure 6-63. SPI Master Mode External Timing (Clock Phase = 0)
196
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com